Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-868-PRC
Description  HumPRCTM 868MHz Long-Range Handheld Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
–
–
–
–
2
3
Ordering Information
Theory of Operation
The OTX-868-HH-LR8-PRC Long-Range Handheld Transmitter uses
a HumPRCTM Series transceiver to form a simple, yet highly reliable RF
remote control transmitter. The HumPRCTM Series transceiver is a low-cost,
high performance FSK radio that utilizes a proprietary Adaptive Frequency
Agility (AFA) technique and over-the-air protocol. The AFA offers much
greater noise immunity and range than traditional narrow-band transmitters.
When a button is pressed on the transmitter, power is applied to the
internal circuitry and the module is enabled. The module detects the logic
states of the button data lines. These states are formatted into a packet
and transmitted repeatedly until the button is released.
The receiving module checks the addressing in the received packet (and
encryption, if enabled). If the packet is valid and intended for the receiver,
then the module replicates the transmitter's button states on its outputs.
These outputs can then be used to activate whatever external circuitry is
required by the application.
The transmitter is compatible with the HumPRCTM and HumPROTM
product families. Ranges of up to 0.8 mile (1,300m) are possible with good
antennas and a quiet, line-of-sight environment. Applications operating
over shorter distances also benefit from the increased link reliability and
superior noise immunity provided by the radio and protocol.
By building on the HumPROTM Series data module, it is simple to create
mixed-mode systems that combine data transmissions with remote control
functionality. For example, a single HumPROTM Series transceiver can
accept remote control commands from the handheld transmitter as well as
sensor values from other devices in system. This greatly reduces system
cost and complexity and opens up many options for the creative designer.
Contention Considerations
While it is still possible for interference to interrupt the transmissions, the
HumPRCTM Series minimizes this risk by meeting the Polite Spectrum
Access requirements in the RED standard. Part of this is a Clear Channel
Assessment (CCA). The module briefly listens in on a channel before
it begins a transmission to ensure that there are no other transmitters
currently using the same frequency. If the module detects other RF signals
on the same frequency it will either wait for short random amounts of time
for the other transmission to end or jump to the next channel to make its
transmission.
Electrical Specifications
Parameter
Designation Min.
Typ.
Max.
Units
Notes
Power Supply
Operating Voltage
V
CC
2.1
3.0
3.6
VDC
Supply Current
l
CC
39
mA
1
Power-Down Current
l
PDN
1.0
µA
Transmitter Section
Transmit Frequency Range
F
C
863
870
MHz
Environmental
Operating Temperature Range
–40
+85
°C
2,3
Electrical Specifications
Ordering Information
Part Number
Description
OTX-868-HH-LR8-PRC 868MHz HumPRCTM Long-Range Handheld Transmitter
HUM-868-PRC
868MHz HumPRCTM Series Remote Control Transceiver, Cas-
tellation Interface, External Antenna Connection
HUM-868-PRC-CAS
868MHz HumPRCTM Series Remote Control Transceiver, Certi-
fied, Castellation Interface, External Antenna Connection
HUM-868-PRC-UFL
868MHz HumPRCTM Series Remote Control Transceiver, Certi-
fied, Castellation Interface, u.FL Connector
HUM-868-PRO
868MHz HumPROTM Series Data Transceiver, Castellation
Interface, External Antenna Connection
HUM-868-PRO-CAS
868MHz HumPROTM Series Data Transceiver, Certified, Cas-
tellation Interface, External Antenna Connection
HUM-868-PRO-UFL
868MHz HumPROTM Series Data Transceiver, Certified, Cas-
tellation Interface, u.FL Connector
MDEV-868-PRC
868MHz HumPRCTM Series Master Development System
Figure 3: Ordering Information
1.
For a 1-second button press
2.
Characterized, but not tested
3.
The coin cell battery may limit the operating temperature range; check the
manufacturer's reccomendations
Figure 4: Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com