Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 8 Page - Linx Technologies

Part # MDEV-868-PRC
Description  HumPRCTM 868MHz Long-Range Handheld Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 8 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
–
–
–
–
10
11
VCC
GND
B1
BATHLD-001-THM
VCC
S0
S1
S2
S3
S4
S5
S6
S7
LED0
GND
ACK_OUT
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
J1
RESET
1
VDD
2
GND
3
C0
4
C1
5
NC
6
J2
RESET
C1
C0
GND
VCC
CD_OUT
CD_IN
VCC
GND
PAIR
1
2
3
4
5
J3
R6
10k
VCC
ANT1
ANT-fff-PW-LP
S0
S1
S2
S3
GND
GND
C2
0.1uF
GND
VCC
S1
PAIR
CD_OUT
CD_IN
R1
200
R2
200
D1
Blue
GND
VCC
21
GND
18
RESET
22
LNA_EN
23
PA_EN
24
CMD_DATA_OUT
26
CMD_DATA_IN
27
ACK_EN
28
PAIR
29
GND
25
ANT
19
S3
5
S2
6
S1
7
S0
8
C0
10
C1
11
POWER_DOWN
12
LATCH_EN
13
GND
9
TR1
HUM-fff-PRC-CAS
VCC
VCC
GND
VCC
GND
RESET
C1
C0
R7 10k
R8 10k
R9 10k
VCC
GND
VCC
R11
10k
GND
Figure 11: OTX-868-HH-LR8-PRC Schematic Diagram
Operation with the HumPROTM Series
The commands from the handheld transmitter can be received by a
HumPROTM Series transceiver. The transmitter should be joined to the
HumPROTM Series module in the same manner as it would be joined to
a HumPRCTM Series module. The transmitter sends a Remote Activation
command and accepts a Remote Confirm command.
Remote Activation
The transmission output consists of six bytes:
0x03 0x00 0x00 0x00 0x10 <STATUS>
The first byte is 0x03 with the next three bytes 0x00. Byte five is 0x10
which indicates a Remote Activation. Byte six is the STATUS byte, which is
a bit map of the button states. Bit 0 corresponds to button S0 and so forth.
Each bit is 1 if the corresponding line is high. The external microcontroller
connected to the HumPROTM module can read out the header from the
transmission and know which transmitter sent the command. It can then
take whatever action is required by the STATUS bits. Additional information
about reading out the header is available in the HumPROTM Series
Transceiver data guide.
Remote Confirm
The handheld transmitter accepts a Remote Confirm command over the
air to control the LED in the membrane switch. This command has the
following format:
0x00 0x11 <DURATION> <ALIVE>
The first two bytes are 0x00 0x11 and indicate that the packet is a remote
confirm packet.
The DURATION byte indicates the amount of time that the LED should be
held high. This value is multiplied by 10ms. If the value is 0, the LED output
is immediately taken low.
The ALIVE byte indicates how long after the transmission the module
should stay awake in receive mode. This value is multiplied by 0.1s. Once
this duration expires, the module returns to sleep mode.
This message is transmitted to the handheld transmitter’s address. It
must be received by the handheld transmitter within one second of initial
transmission or within the ALIVE interval of the previous Remote Confirm
message.
Transmitter Schematic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com