Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 5 Page - Linx Technologies

Part # MDEV-868-PRC
Description  HumPRCTM 868MHz Long-Range Handheld Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 5 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
–
–
–
–
4
5
Button Assignments
Figure 5 illustrates the relationship between the button locations and
encoder data lines.
Assembly Diagram
Battery Replacement
The remote unit utilizes a CR2032 lithium button cell. In
normal use with five 2-second activations per day, the
battery provides approximately two years of operation.
To replace the battery, remove the access cover by
pressing firmly on the label area and sliding it off. Once
the unit is open, remove the battery by sliding it from
beneath the holder. Replace it with the same type of
battery while observing the polarity shown in Figure 7.
There may be the risk of explosion if the battery is
replaced by the wrong type.
Joining a Transmitter
The handheld transmitter is associated with a receiver using the built-in
Join Process. This process configures a star network with the central unit
as the system Administrator. Other units are added to the network as
nodes one at a time. Typically, the handheld transmitter is added as a node
to a module that has been configured as an administrator.
The schematic for a HumPRCTM Series transceiver configured as a receiver
is shown in the Typical Applications section. The transceiver is set as an
Administrator by pressing and holding the PAIR button for 30 seconds.
While the button is held, the MODE_IND line is on. After 30 seconds, the
MODE_IND line repeats a double blink, indicating that the operation has
begun. When the button is released the key and address generation are
complete and the module is an Administrator. A full explanation of this
operation is in the HumPRCTM Series data guide.
The handheld transmitter is joined to an
Administrator by pressing and releasing
the PAIR buttons on both units. The
modules automatically search for each
other using a special protocol. When they
find each other, the administrator sends
the node the encryption key, UMASK
and its network address. The UDESTID
is set to the address of the administrator.
The values are encrypted using a special
factory-defined key. Once the JOIN
process is complete, the MODE_IND blinks on both units and they now
operate together.
Battery access
S0
S7
S1
S6
S2
S5
S3
S4
Figure 5: Button Assignments
Figure 7: Battery Access
Figure 6: Assembly Diagram
+
MODE_IND Window
PAIR Button
Figure 8: PAIR Button Access



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com