Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-916-WRT-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-916-WRT-RPS
Description  915 MHz External Panel-Mount Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-916-WRT-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-916-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 2Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 3Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 4Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 5Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 6Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 7Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 8Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Datasheet
ANT-916-WRT-ccc
915 MHz External Panel-Mount Antenna
Features
• Performance at 915 MHz
― VSWR: ≤ 1.5
― Peak Gain: 4.4 dBi
― Efficiency: 50%
• Low-profile
― Height: 10.0 mm (0.40 in)
― Diameter: 19.0 mm (0.75 in)
• Tamper resistant design mounts permanently
with pressure sensitive adhesive ring and
provided hex nut
• Available with SMA plug (male pin), RP-SMA plug
(female socket) or MHF1/U.FL-type plug (female
socket)
The ANT-916-WRT is a low-profile, panel-mount
dipole antenna designed for low-power, wide-area
(LPWA) applications including LoRaWAN®, remote
controls, and ISM band applications in the 902 MHz
to 930 MHz range.
The ANT-916-WRT antenna’s compact size and
tamper-resistant design allow it to be mounted
securely in enclosures requiring added security
such as wireless vending, security, traffic and power
equipment.
The ANT-916-WRT antenna is designed with an
integrated counterpoise that eliminates the need
for additional ground plane in the product making
it ideal for applications with non-conductive or RF
transparent enclosures.
The antenna connects to the radio via SMA plug
(male pin), RP-SMA plug (female socket), or MHF1/U.
FL-type plug (female socket) on RG-174 coaxial cable
or 1.32 mm coaxial cable with the U.FL connector.
Ordering Information
Part Number
Description
ANT-916-WRT-SMA
915 MHz antenna with an SMA plug (male pin) on 216 mm (8.5 in) of RG-174 coaxial cable
ANT-916-WRT-RPS
915 MHz antenna with an RP-SMA plug (female socket) on 216 mm (8.5 in) of RG-174 coaxial cable
ANT-916-WRT-UFL
915 MHz antenna with an MHF1/U.FL-type plug (female socket) on 216 mm (8.5 in) of 1.32 mm coaxial cable
Available from Linx Technologies and select distributors and representatives.
Applications
• Low-power, wide-area (LPWA) applications
― LoRaWAN®
• ISM applications
• Remote control, sensing and monitoring
― Security systems
― Industrial machinery
― Automated equipment
― AMR (automated meter reading)
• Internet of Things (IoT) devices
• Smart Home networking


Similar Part No. - ANT-916-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-WRT-RPS ETC2-ANT-916-WRT-RPS Datasheet
856Kb / 1P
Adhesive or permanent mount
More results

Similar Description - ANT-916-WRT-RPS

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0915AT43A0026 JOHANSON-0915AT43A0026 Datasheet
163Kb / 3P
915 MHz Antenna
0915AT43A0042 JOHANSON-0915AT43A0042 Datasheet
356Kb / 3P
915 MHz Antenna
logo
Pasternack Enterprises,...
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
logo
World Produts Inc.
WPANT10022 WPI-WPANT10022 Datasheet
187Kb / 3P
915 MHz PIFA Antenna
logo
Linx Technologies
ANT-8-SPNF2 LINX-ANT-8-SPNF2 Datasheet
784Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-9-HDP-2000-SMA LINX-ANT-9-HDP-2000-SMA Datasheet
980Kb / 8P
Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
ANT-8-VDP-2000-SMA LINX-ANT-8-VDP-2000-SMA Datasheet
932Kb / 8P
Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
ANT-9-SPNF1 LINX-ANT-9-SPNF1 Datasheet
840Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-W63-WRT-MHF4 LINX-ANT-W63-WRT-MHF4 Datasheet
565Kb / 4P
External Panel-Mount WiFi 6 Antenna
2021
logo
Wurth Elektronik GmbH &...
2600130083 WURTH-2600130083 Datasheet
209Kb / 1P
Antenna 915 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com