Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-916-WRT-RPS Datasheet(PDF) 10 Page - Linx Technologies

Part # ANT-916-WRT-RPS
Description  915 MHz External Panel-Mount Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-916-WRT-RPS Datasheet(HTML) 10 Page - Linx Technologies

Back Button ANT-916-WRT-RPS Datasheet HTML 4Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 5Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 6Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 7Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 8Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 9Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 10Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 11Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 12Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Datasheet
WRT Series
ANT-916-WRT-ccc
Radiation Efficiency
Radiation efficiency (Figure 16), shows the ratio of power delivered to the antenna relative to the power
radiated at the antenna, expressed as a percentage, where a higher percentage indicates better
performance at a given frequency.
0
10
20
30
40
50
60
70
80
90
100
900
905
910
915
920
925
930
935
Frequency (MHz)
Figure 16. ANT-916-WRT Antenna Radiation Efficiency , Free Space
Average Gain
Average gain (Figure 15), is the average of all antenna gain in 3-dimensional space at each frequency,
providing an indication of overall performance without expressing antenna directionality.
-20
-15
-10
-5
0
5
900
905
910
915
920
925
930
935
Frequency (MHz)
Figure 15. ANT-916-WRT Antenna Average Gain , Free Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com