Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-916-WRT-RPS Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-916-WRT-RPS
Description  915 MHz External Panel-Mount Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-916-WRT-RPS Datasheet(HTML) 2 Page - Linx Technologies

  ANT-916-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 2Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 3Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 4Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 5Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 6Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 7Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 8Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Datasheet
WRT Series
ANT-916-WRT-ccc
Table 1. Electrical Specifications
ANT-916-WRT
915 MHz
Frequency Range
902 MHz to 930 MHz
VSWR (max)
1.5
Peak Gain (dBi)
4.4
Average Gain (dBi)
-3.2
Efficiency (%)
50
Polarization
Linear
Radiation
Omnidirectional
Impedance
50
Ω
Max Power
5 W
Wavelength
1/2-wave
Electrical Type
Dipole
Electrical specifications and plots measured with a 102 mm x 102 mm (4.0 in x 4.0 in) reference ground plane.
Table 2. Mechanical Specifications
ANT-916-WRT
Operating Temp. Range
-40 °C to +90 °C
Weight
12.5 g (0.44 oz)
Connection
216 mm (8.5 in) RG-174 terminated in an SMA plug (male pin)
216 mm (8.5 in) RG-174 terminated in an RP-SMA plug (female socket)
216 mm (8.5 in) 1.32 mm coaxial cable terminated in an MHF1/U.FL-type plug (female socket)
Dimensions
Height: 10.0 mm (0.40 in) Diameter: 19.0 mm (0.75 in)
Product Dimensions
Figure 1 provides dimensions for the ANT-916-WRT antenna.
DB1
10.0 mm
(0.39 in)
Adhesive Ring
Hex Nut M11 x 1.0 mm
216.0 mm (8.5 in)
-RPS, -SMA
-MHF1/-U.FL
-MHF4
-MMCX
Ø19.0 mm
(0.75 in)
Ø10.8 mm
(0.43 in)
8.0 mm
(0.32 in)
32.5 mm (1.28 in)
Ø5.3 mm (0.21 in)
Counterpoise
868 MHz
85.0 mm (3.35 in)
10.0 mm
(0.39 in)
Adhesive Ring
Hex Nut M11 x 1.0 mm
216.0 mm (8.5 in)
-SMA, -RPS
-MHF1/U.FL
Ø19.0 mm
(0.75 in)
8.0 mm
(0.32 in)
Ø5.3 mm (0.21 in)
Counterpoise
916 MHz
Recommended Mounting
82.5 mm (3.25 in)
10.0 mm
(0.39 in)
Adhesive Ring
Hex Nut M11 x 1.0 mm
216.0 mm (8.5 in)
305.0 mm (12.0 in)
-SMA, -RPS
-SMA-A
Ø19.0 mm
(0.75 in)
8.0 mm
(0.32 in)
Ø5.3 mm (0.21 in)
Counterpoise
-MHF1/U.FL
Figure 1. ANT-916-WRT Antenna Dimensions
Packaging Information
The ANT-916-WRT antenna is placed in a clear plastic sleeve and sealed in clear plastic bags in quantities of
50 pcs. Bags are packaged in cartons of 250 (5 bags). Distribution channels may offer alternative packaging
options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com