Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-916-WRT-RPS Datasheet(PDF) 3 Page - Linx Technologies

Part # ANT-916-WRT-RPS
Description  915 MHz External Panel-Mount Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-916-WRT-RPS Datasheet(HTML) 3 Page - Linx Technologies

  ANT-916-WRT-RPS Datasheet HTML 1Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 2Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 3Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 4Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 5Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 6Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 7Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 8Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Datasheet
WRT Series
ANT-916-WRT-ccc
Recommended Mounting
The recommended enclosure mounting dimensions are shown in Figure 2. The ANT-916-WRT series
antenna is supplied with an integrated closed-cell pressure sensitive adhesive ring which helps seal
enclosures against external elements. The adhesive ring has a protective plastic backing that must be
removed prior to installation. A pull tab has been provided for easy removal of the protective backing. The
antenna can be permanently mounted using the provided hex nut which should be tightened to 3.0 kgf/cm
(5 in/lbs) max. The recommended maximum enclosure wall thickness is 3.18 mm (0.125 in).
DB1
10.0 mm
(0.39 in)
Adhesive Ring
Hex Nut M11 x 1.0 mm
216.0 mm (8.5 in)
-RPS, -SMA
-MHF1/-U.FL
-MHF4
-MMCX
Ø19.0 mm
(0.75 in)
Ø10.8 mm
(0.43 in)
8.0 mm
(0.32 in)
32.5 mm (1.28 in)
Ø5.3 mm (0.21 in)
Counterpoise
868 MHz
85.0 mm (3.35 in)
10.0 mm
(0.39 in)
Adhesive Ring
Hex Nut M11 x 1.0 mm
216.0 mm (8.5 in)
-SMA, -RPS
-MHF1/U.FL
Ø19.0 mm
(0.75 in)
8.0 mm
(0.32 in)
Ø5.3 mm (0.21 in)
Counterpoise
916 MHz
Recommended Mounting
82.5 mm (3.25 in)
10.0 mm
(0.39 in)
Adhesive Ring
Hex Nut M11 x 1.0 mm
216.0 mm (8.5 in)
305.0 mm (12.0 in)
-SMA, -RPS
-SMA-A
Ø19.0 mm
(0.75 in)
8.0 mm
(0.32 in)
Ø5.3 mm (0.21 in)
Counterpoise
-MHF1/U.FL
Figure 2. ANT-916-WRT Series Antenna Recommended Enclosure Mounting Dimensions
Antenna Orientation
The ANT-916-WRT series antenna is characterized in two antenna orientations as shown in Figure 3. The
antenna characterizaton with an adjacent ground plane (102 mm x 102 mm) provides insight into antenna
performance when attached directly to a printed circuit board mounted connector, and with the antenna
In free space characterizes use of an antenna attached to an enclosure-mounted connector which is
connected by cable to a printed circuit board. The two orientations represent the most common end-
product use cases.
Center of Ground Plane
Free Space
Figure 3. ANT-916-WRT Test Orientations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com