Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-916-WRT-RPS Datasheet(PDF) 11 Page - Linx Technologies

Part # ANT-916-WRT-RPS
Description  915 MHz External Panel-Mount Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-916-WRT-RPS Datasheet(HTML) 11 Page - Linx Technologies

Back Button ANT-916-WRT-RPS Datasheet HTML 4Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 5Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 6Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 7Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 8Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 9Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 10Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 11Page - Linx Technologies ANT-916-WRT-RPS Datasheet HTML 12Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Datasheet
WRT Series
ANT-916-WRT-ccc
Radiation Patterns
Radiation patterns provide information about the directionality and 3-dimensional gain performance of the
antenna by plotting gain at specific frequencies in three orthogonal planes. Antenna radiation patterns are
shown in Figure 17 using polar plots covering 360 degrees. The antenna graphic at the top of the page
provides reference to the plane of the column of plots below it. Note: when viewed with typical PDF viewing
software, zooming into radiation patterns is possible to reveal fine detail.
Radiation Patterns - Free Space
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
902 MHz to 930 MHz (915 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
902 MHz
915 MHz
930 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
Figure 17. ANT-916-WRT Radiation Patterns , Free Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com