Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP6SMB Datasheet(PDF) 2 Page - Littelfuse

Part # SZP6SMB
Description  Surface Mount > 600W Zener Transient Overvoltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZP6SMB Datasheet(HTML) 2 Page - Littelfuse

  SZP6SMB Datasheet HTML 1Page - Littelfuse SZP6SMB Datasheet HTML 2Page - Littelfuse SZP6SMB Datasheet HTML 3Page - Littelfuse SZP6SMB Datasheet HTML 4Page - Littelfuse SZP6SMB Datasheet HTML 5Page - Littelfuse SZP6SMB Datasheet HTML 6Page - Littelfuse SZP6SMB Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TVS Diodes Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 01/08/21
2
SZP6SMB Series
Surface Mount > 600W
I-V Curve Characteristics (T
A = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 5) =
30 A) For Uni-directional
Symbol
Parameter
I
PP
Maximum Reverse Peak Pulse Current
V
C
Clamping Voltage @ I
PP
V
RWM
Working Peak Reverse Voltage
I
R
Maximum Reverse Leakage Current @ V
RWM
V
BR
Breakdown Voltage @ I
T
I
T
Test Current
I-V Curve Characteristics (T
A = 25°C unless otherwise noted) – For Bi-directional
V
c VBR VR
I
R
I
T
I
PP
V
V
C
V
BR
V
R
I
PP
I
R
I
T
Bi-Directional
Symbol
Parameter
I
PP
Maximum Reverse Peak Pulse Current
V
C
Clamping Voltage @ I
PP
V
RWM
Working Peak Reverse Voltage
I
R
Maximum Reverse Leakage Current @ V
RWM
V
BR
Breakdown Voltage @ I
T
I
T
On-State Current
V
F
Forward Voltage @ I
F
I
F
Forward Current
5. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, non−repetitive duty cycle.
V
c VBR VR
I
R
I
T
I
PP
V
Uni-directional
V
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com