Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP6SMB Datasheet(PDF) 4 Page - Littelfuse

Part # SZP6SMB
Description  Surface Mount > 600W Zener Transient Overvoltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZP6SMB Datasheet(HTML) 4 Page - Littelfuse

  SZP6SMB Datasheet HTML 1Page - Littelfuse SZP6SMB Datasheet HTML 2Page - Littelfuse SZP6SMB Datasheet HTML 3Page - Littelfuse SZP6SMB Datasheet HTML 4Page - Littelfuse SZP6SMB Datasheet HTML 5Page - Littelfuse SZP6SMB Datasheet HTML 6Page - Littelfuse SZP6SMB Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TVS Diodes Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 01/08/21
4
SZP6SMB Series
Surface Mount > 600W
Electrical Characteristics - For Bidirectional
Component
Component
Marking
V
RWM
(Note 6)
I
R @
V
RWM
Breakdown Voltage
V
C @ IPP
(Note 8)
V
BR
C
Typ.
(Note 9)
V
BR @ IT (V) (Note 7)
@ I
T
V
C
I
PP
Volts
µA
MIN
NOM
MAX
mA
Volts
Amps
%/°C
pF
SZP6SMB11CAT3G
11C
9.4
5
10.5
11.05
11.6
1
15.6
38
0.075
865
SZP6SMB12CAT3G
12C
10.2
5
11.4
12
12.6
1
16.7
36
0.078
800
SZP6SMB15CAT3G
15C
12.8
5
14.3
15.05
15.8
1
21.2
28
0.084
645
SZP6SMB16CAT3G
16C
13.6
5
15.2
16
16.8
1
22.5
27
0.086
610
SZP6SMB18CAT3G
18C
15.3
5
17.1
18
18.9
1
25.2
24
0.088
545
SZP6SMB20CAT3G
20C
17.1
5
19
20
21
1
27.7
22
0.09
490
SZP6SMB22CAT3G
22C
18.8
5
20.9
22
23.1
1
30.6
20
0.09
450
SZP6SMB24CAT3G
24C
20.5
5
22.8
24
25.2
1
33.2
18
0.094
415
SZP6SMB27CAT3G
27C
23.1
5
25.7
27.05
28.4
1
37.5
16
0.096
370
SZP6SMB30CAT3G
30C
25.6
5
28.5
30
31.5
1
41.4
14.4
0.097
335
SZP6SMB33CAT3G
33C
28.2
5
31.4
33.05
34.7
1
45.7
13.2
0.098
305
SZP6SMB36CAT3G
36C
30.8
5
34.2
36
37.8
1
49.9
12
0.099
280
SZP6SMB39CAT3G
39C
33.3
5
37.1
39.05
41
1
53.9
11.2
0.1
260
SZP6SMB43CAT3G
43C
36.8
5
40.9
43.05
45.2
1
59.3
10.1
0.101
240
SZP6SMB47CAT3G
47C
40.2
5
44.7
47.05
49.4
1
64.8
9.3
0.101
220
SZP6SMB51CAT3G
51C
43.6
5
48.5
51.05
53.6
1
70.1
8.6
0.102
205
SZP6SMB56CAT3G
56C
47.8
5
53.2
56
58.8
1
77
7.8
0.103
185
SZP6SMB62CAT3G
62C
53
5
58.9
62
65.1
1
85
7.1
0.104
170
SZP6SMB68CAT3G
68C
58.1
5
64.6
68
71.4
1
92
6.5
0.104
155
SZP6SMB82CAT3G
82C
70.1
5
77.9
82
86.1
1
113
5.3
0.105
130
6. A transient suppressor is normally selected according to the working peak reverse voltage (V
RWM), which should be equal to or greater than the DC or continuous peak operating voltage level.
7. V
BR measured at pulse test current IT at an ambient temperature of 25°C.
8. Surge current waveform per Figure 2 and derate per Figure 3 of the General Data − 600 Watt at the beginning of this group.
9. Bias Voltage = 0 V, F = 1 MHz, T
J = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com