Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP6SMB Datasheet(PDF) 1 Page - Littelfuse

Part # SZP6SMB
Description  Surface Mount > 600W Zener Transient Overvoltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZP6SMB Datasheet(HTML) 1 Page - Littelfuse

  SZP6SMB Datasheet HTML 1Page - Littelfuse SZP6SMB Datasheet HTML 2Page - Littelfuse SZP6SMB Datasheet HTML 3Page - Littelfuse SZP6SMB Datasheet HTML 4Page - Littelfuse SZP6SMB Datasheet HTML 5Page - Littelfuse SZP6SMB Datasheet HTML 6Page - Littelfuse SZP6SMB Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TVS Diodes Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 01/08/21
1
SZP6SMB Series
Surface Mount > 600W
■ Zener Transient Overvoltage
Suppressors
■ Working Peak Reverse
Voltage Range − 5.8 to 171
V (for Uni-directional), 9.4 to
70.1 V (for Bi-directional)
■ Standard Breakdown Voltage
Range − 6.45 to 210V for Uni-
directional , 10.5 to 86.1V for
Bi-directional
■ Peak Power − 600 W @ 1 ms
■ ESD Rating of Class 3 (> 16
kV) per Human Body Model
■ Maximum Clamp Voltage @
Peak Pulse Current
■ Low Leakage < 5 µA Above
10 V
■ Response Time is Typically
< 1 ns
■ Pb-free means 2nd level
interconnect is Pb-free and
the terminal finish material is
tin(Sn) (IPC/JEDEC J-STD-
609A.01)
■ SZ Prefix for Automotive and
Other Applications Requiring
Unique Site and Control
Change Requirements; AEC−
Q101 Qualified and PPAP
Capable
Features
The SZP6SMB series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability, low breakdown
impedance and fast response time. The SZP6SMB series is
supplied in the Littelfuse exclusive, cost-effective, highly reliable
package and is ideally suited for use in communication systems,
automotive, numerical controls, process controls, medical
equipment, business machines, power supplies and many other
industrial/consumer applications.
Description
Parameter
Symbol
Value
Unit
Peak Power Dissipation (Note 1)
@ T
L = 25°C, Pulse Width = 1 ms
P
PK
600
W
DC Power Dissipation @ T
L = 75°C
Measured Zero Lead Length (Note 2)
Derate Above 75°C
Thermal Resistance from
Junction−to−Lead
P
D
R
ƟJL
3.0
40
25
W
mW/°C
°C/W
DC Power Dissipation (Note 3)
@ T
A = 25°C Derate Above 25°C
Thermal Resistance from
Junction–to– Ambient
P
D
R
ƟJA
0.55
4.4
226
W
mW/°C
°C/W
Forward Surge Current (Note 4)
@ T
A = 25°C
I
FSM
100
A
Operating and Storage Temperature
Range
T
J, Tstg
-65 to
+150
°C
Maximum Ratings and Thermal Characteristics
Stresses exceeding those listed in the Maximum Ratings table may damage the component. If any of these limits
are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected.
1. 10/1000 µs, non−repetitive.
2. 1” square copper pad, FR−4 board.
3. FR−4 board, using Littelfuse minimum recommended footprint
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
For Unidirectonal only.
Bi-directional
Uni-directional
Agency Approvals
Agency
Agency File/Certificate Number
E128662
RoHS
Pb e3
Resources
Accessories
Samples
Additional Information
Functional Diagram
Bi-directional
Uni-directional
Cathode
Anode


Similar Part No. - SZP6SMB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZP6SMB11CAT3G ONSEMI-SZP6SMB11CAT3G Datasheet
161Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 - Rev. 12
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
SZP6SMB200AT3G ONSEMI-SZP6SMB200AT3G Datasheet
168Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZP6SMBXXCAT3G ONSEMI-SZP6SMBXXCAT3G Datasheet
161Kb / 6P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 - Rev. 12
More results

Similar Description - SZP6SMB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB50AT3 MOTOROLA-1SMB50AT3 Datasheet
50Kb / 5P
PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
Zener Overvoltage Transient Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com