Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP6SMB Datasheet(PDF) 5 Page - Littelfuse

Part # SZP6SMB
Description  Surface Mount > 600W Zener Transient Overvoltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZP6SMB Datasheet(HTML) 5 Page - Littelfuse

  SZP6SMB Datasheet HTML 1Page - Littelfuse SZP6SMB Datasheet HTML 2Page - Littelfuse SZP6SMB Datasheet HTML 3Page - Littelfuse SZP6SMB Datasheet HTML 4Page - Littelfuse SZP6SMB Datasheet HTML 5Page - Littelfuse SZP6SMB Datasheet HTML 6Page - Littelfuse SZP6SMB Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TVS Diodes Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 01/08/21
5
SZP6SMB Series
Surface Mount > 600W
Figure 1.
Pulse Rating Curve
Ratings and Characteristic Curves - For Unidirectional
Figure 2.
Pulse Waveform
Figure 3.
Surge Derating Curve
Figure 4.
Typical Junction Capacitance vs. Bias Voltage
Figure 6.
Typical Protection Circuit
in
in
0.1
1.0
10.0
100.0
0.0001
0.001
0.01
0.1
1
10
tp, Pulse Width(ms)
Non-Repetitive
Pulse Waveform
Pulse Width (t
P) is defined as
that point where the peak
current decays to 50% of I
PP
t
r ≤10μs
Peak Value . I
PP
Half Value .
I
PP
2
t
P
t, Time (ms)
SZP6SMB6.8AT3G
SZP6SMB18AT3G
SZP6SMB51AT3G
SZP6SMB200AT3G
T
J = 25°C
f = 1 MHz
Bias Voltage (Volts)
Figure 5.
Typical Junction Capacitance vs. Bias Voltage
0
1
0
1
1
10
100
1000
1
SZP6SMB11CAT3G
SZP6SMB18CAT3G
SZP6SMB47CAT3G
SZP6SMB91CAT3G
T
J = 25°C
f = 1 MHz
Bias Voltage (Volts)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
T
A AMBIENT TEMPERATRUE(˚C)
10*1000 WAVEFORM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com