Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP6SMB Datasheet(PDF) 6 Page - Littelfuse

Part # SZP6SMB
Description  Surface Mount > 600W Zener Transient Overvoltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZP6SMB Datasheet(HTML) 6 Page - Littelfuse

  SZP6SMB Datasheet HTML 1Page - Littelfuse SZP6SMB Datasheet HTML 2Page - Littelfuse SZP6SMB Datasheet HTML 3Page - Littelfuse SZP6SMB Datasheet HTML 4Page - Littelfuse SZP6SMB Datasheet HTML 5Page - Littelfuse SZP6SMB Datasheet HTML 6Page - Littelfuse SZP6SMB Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TVS Diodes Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 01/08/21
6
SZP6SMB Series
Surface Mount > 600W
Physical Specifications
Weight
0.00326 ounce, 0.1015 grams
Case
JEDEC DO214AA. Void-Free, Transfer-Molded,
Thermosetting Plastic Epoxy Meets UL 94V-0
Polarity
Color band denotes cathode for unidirectional
components.
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102
Soldering Parameters
Time (t)
Ts(min)
Ts(max)
TL
TP
ts
Preheat
tL
tp
Ramp-up
Critical Zone
TL to TP
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Lead–free
assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 120 secs
Average ramp up rate (Liquidus Temp (T
L) to peak 3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Time (min to max) (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak Temperature (t
p)
30 seconds max
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes max.
Do not exceed
260°C
Environmental Specifications
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020, Level 1
H3TRB
JESD22-A101
RSH
JESD22-A111
Dimensions
Soldering Footprint
Ordering Information
2.261
Dim
Inches
Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.077
0.091
0.097
1.95
2.30
2.47
A1
0.002
0.004
0.008
0.05
0.10
0.20
b
0.077
0.080
0.087
1.96
2.03
2.20
c
0.006
0.009
0.012
0.15
0.23
0.31
D
0.130
0.140
0.156
3.30
3.56
3.95
E
0.160
0.170
0.181
4.06
4.32
4.60
HE
0.205
0.214
0.220
5.21
5.44
5.60
L
0.030
0.040
0.063
0.76
1.02
1.60
L1
0.020 REF
0.51 REF
D
E
bD
L
c
A
A1
HE
D
Device
Package
Shipping
SZP6SMBxxxAT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
SZP6SMBxxxCAT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
L1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com