Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32G0
Description  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 56Page - STMicroelectronics STM32G0 Datasheet HTML 57Page - STMicroelectronics STM32G0 Datasheet HTML 58Page - STMicroelectronics STM32G0 Datasheet HTML 59Page - STMicroelectronics STM32G0 Datasheet HTML 60Page - STMicroelectronics STM32G0 Datasheet HTML 61Page - STMicroelectronics STM32G0 Datasheet HTML 62Page - STMicroelectronics STM32G0 Datasheet HTML 63Page - STMicroelectronics STM32G0 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 135 page
background image
Electrical characteristics
STM32G071x8/xB
60/135
DS12232 Rev 4
Table 25. Current consumption in Run and Low-power run modes
at different die temperatures
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
fHCLK
Fetch
from(2)
25
°C
85
°C
125
°C
25
°C
85
°C
130
°C
IDD(Run)
Supply
current in
Run mode
Range 1;
PLL enabled;
fHCLK = fHSE_bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
64 MHz
Flash
memory
6.3
6.4
6.8
6.7
7.0
7.7
mA
56 MHz
5.5
5.7
5.9
5.9
6.3
6.8
48 MHz
5.0
5.1
5.4
5.2
5.7
6.3
32 MHz
3.5
3.6
3.8
4.0
4.3
4.7
24 MHz
2.8
2.9
3.1
3.1
3.6
4.0
16 MHz
1.8
1.9
2.1
2.1
2.5
3.0
64 MHz
SRAM
6.0
6.2
6.4
6.3
6.6
7.0
56 MHz
5.3
5.5
5.7
5.6
5.8
6.2
48 MHz
4.7
4.8
5.0
5.0
5.2
5.6
32 MHz
3.3
3.4
3.5
3.5
3.8
4.1
24 MHz
2.6
2.7
2.9
2.8
3.1
3.4
16 MHz
1.7
1.7
1.9
1.9
2.1
2.7
Range 2;
PLL enabled;
fHCLK = fHSE_bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
16 MHz
Flash
memory
1.4
1.5
1.7
1.7
2.0
2.6
8 MHz
0.8
0.9
1.0
1.2
1.3
1.8
2 MHz
0.3
0.3
0.5
0.5
0.8
1.4
16 MHz
SRAM
1.4
1.4
1.6
1.6
1.8
2.2
8 MHz
0.7
0.8
1.0
1.1
1.2
1.6
4 MHz
0.4
0.5
0.6
0.7
0.9
1.5
2 MHz
0.3
0.3
0.5
0.5
0.8
1.2
IDD(LPRun)
Supply
current in
Low-power
run mode
PLL disabled;
fHCLK = fHSE
bypass (> 32 kHz),
fHCLK = fLSE
bypass (= 32 kHz);
(3)
2 MHz
Flash
memory
220
255
420
530
795 1255
µA
1 MHz
105
155
320
505
770 1200
500 kHz
67
105
265
465
700
1110
125 kHz
26
66
230
450
520 1045
32 kHz
17
56
220
375
475 1035
2 MHz
SRAM
199
231
380
485
700 1220
1 MHz
95
140
290
430
660
1140
500 kHz
61
95
240
365
625
1100
125 kHz
24
59
225
335
440
970
32 kHz
15
55
220
325
355
940
1. Based on characterization results, not tested in production.
2. Prefetch and cache enabled when fetching from Flash memory. Code compiled with high optimization for space in SRAM.
3. VDD = 3.0 V for values in Typ columns and 3.6 V for values in Max columns, all peripherals disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com