Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32G0
Description  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 7Page - STMicroelectronics STM32G0 Datasheet HTML 8Page - STMicroelectronics STM32G0 Datasheet HTML 9Page - STMicroelectronics STM32G0 Datasheet HTML 10Page - STMicroelectronics STM32G0 Datasheet HTML 11Page - STMicroelectronics STM32G0 Datasheet HTML 12Page - STMicroelectronics STM32G0 Datasheet HTML 13Page - STMicroelectronics STM32G0 Datasheet HTML 14Page - STMicroelectronics STM32G0 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 135 page
background image
DS12232 Rev 4
11/135
STM32G071x8/xB
Description
35
2
Description
The STM32G071x8/xB mainstream microcontrollers are based on high-performance
Arm® Cortex®-M0+ 32-bit RISC core operating at up to 64 MHz frequency. Offering a high
level of integration, they are suitable for a wide range of applications in consumer, industrial
and appliance domains and ready for the Internet of Things (IoT) solutions.
The devices incorporate a memory protection unit (MPU), high-speed embedded memories
(36 Kbytes of SRAM and up to 128 Kbytes of Flash program memory with read protection,
write protection, proprietary code protection, and securable area), DMA, an extensive range
of system functions, enhanced I/Os, and peripherals. The devices offer standard
communication interfaces (two I2Cs, two SPIs / one I2S, one HDMI CEC, and four USARTs),
one 12-bit ADC (2.5 MSps) with up to 19 channels, one 12-bit DAC with two channels, two
fast comparators, an internal voltage reference buffer, a low-power RTC, an advanced
control PWM timer running at up to double the CPU frequency, five general-purpose 16-bit
timers with one running at up to double the CPU frequency, a 32-bit general-purpose timer,
two basic timers, two low-power 16-bit timers, two watchdog timers, and a SysTick timer.
The devices provide a fully integrated USB Type-C Power Delivery controller.
The devices operate within ambient temperatures from -40 to 125°C and with supply
voltages from 1.7 V to 3.6 V. Optimized dynamic consumption combined with a
comprehensive set of power-saving modes, low-power timers and low-power UART, allows
the design of low-power applications.
VBAT direct battery input allows keeping RTC and backup registers powered.
The devices come in packages with 28 to 64 pins.
Table 2. STM32G071x8/xB family device features and peripheral counts
Peripheral
STM32G071_
_EB _G8 _GB
_G8
xxN
_GB
xxN
_K8 _KB
_K8
xxN
_KB
xxN
_C8 _CB _R8 _RB
Flash memory (Kbyte)
128
64
128
64
128
64
128
64
128
64
128
64
128
SRAM (Kbyte)
32 (with parity) or 36 (without parity)
Advanced control
1 (16-bit) high frequency
General-purpose
4 (16-bit) + 1 (16-bit) high frequency + 1 (32-bit)
Basic
2 (16-bit)
Low-power
2 (16-bit)
SysTick
1
Watchdog
2
SPI [I2S](1)
2 [1]
I2C2
USART
4
LPUART
1
UCPD
(2)
2
(2)
2
CEC
1
RTC
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com