Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32G0
Description  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 8Page - STMicroelectronics STM32G0 Datasheet HTML 9Page - STMicroelectronics STM32G0 Datasheet HTML 10Page - STMicroelectronics STM32G0 Datasheet HTML 11Page - STMicroelectronics STM32G0 Datasheet HTML 12Page - STMicroelectronics STM32G0 Datasheet HTML 13Page - STMicroelectronics STM32G0 Datasheet HTML 14Page - STMicroelectronics STM32G0 Datasheet HTML 15Page - STMicroelectronics STM32G0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 135 page
background image
Description
STM32G071x8/xB
12/135
DS12232 Rev 4
Tamper pins
2
Random number
generator
No
AES
No
GPIOs
23
26
30
44
60
Wakeup pins
4
3
4
3
4
5
12-bit ADC channels
10 ext.
+ 2 int.
9 ext.
+ 2 int.
11 ext.
+ 2 int.
10 ext.
+ 2 int.
14 ext.
+ 3 int.
16 ext.
+ 3 int.
12-bit DAC channels
2
Internal voltage reference
buffer
No
Yes
Analog comparators
2
Max. CPU frequency
64 MHz
Operating voltage
1.7 to 3.6 V
Operating temperature(3)
Ambient: -40 to 85 °C / -40 to 105 °C / -40 to 125 °C
Junction: -40 to 105 °C / -40 to 125 °C / -40 to 130 °C
Number of pins
25
28
32
48
64
1. The numbers in brackets denote the count of SPI interfaces configurable as I2S interface.
2. One port with only one CC line available (supporting limited number of use cases).
3. Depends on order code. Refer to Section 7: Ordering information for details.
Table 2. STM32G071x8/xB family device features and peripheral counts (continued)
Peripheral
STM32G071_
_EB _G8 _GB
_G8
xxN
_GB
xxN
_K8 _KB
_K8
xxN
_KB
xxN
_C8 _CB _R8 _RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com