Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32G0
Description  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 58Page - STMicroelectronics STM32G0 Datasheet HTML 59Page - STMicroelectronics STM32G0 Datasheet HTML 60Page - STMicroelectronics STM32G0 Datasheet HTML 61Page - STMicroelectronics STM32G0 Datasheet HTML 62Page - STMicroelectronics STM32G0 Datasheet HTML 63Page - STMicroelectronics STM32G0 Datasheet HTML 64Page - STMicroelectronics STM32G0 Datasheet HTML 65Page - STMicroelectronics STM32G0 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 135 page
background image
Electrical characteristics
STM32G071x8/xB
62/135
DS12232 Rev 4
Table 27. Current consumption in Sleep and Low-power sleep modes
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
Voltage
scaling
fHCLK
25
°C
85
°C
125
°C
25
°C
85
°C
130
°C
IDD(Sleep)
Supply
current in
Sleep
mode
Flash memory enabled;
fHCLK = fHSE bypass
(≤16 MHz; PLL
disabled),
fHCLK = fPLLRCLK
(>16 MHz; PLL
enabled);
All peripherals disabled
Range 1
64 MHz
1.8
1.9
2.1
1.8
2.1
2.9
mA
56 MHz
1.6
1.7
1.9
1.7
1.9
2.8
48 MHz
1.4
1.5
1.7
1.6
1.7
2.7
32 MHz
1.0
1.1
1.3
1.2
1.3
2.3
24 MHz
0.8
0.9
1.1
1.0
1.1
1.9
16 MHz
0.5
0.6
0.8
0.6
0.7
1.7
Range 2
16 MHz
0.4
0.5
0.7
0.5
0.6
1.4
8 MHz
0.3
0.3
0.5
0.3
0.5
1.2
2 MHz
0.1
0.2
0.4
0.2
0.4
1.1
IDD(LPSleep)
Supply
current in
Low-power
sleep mode
Flash memory disabled;
PLL disabled;
fHCLK = fHSE bypass (> 32 kHz),
fHCLK = fLSE bypass (= 32 kHz);
All peripherals disabled
2 MHz
60
99
265
150 360 1110
µA
1 MHz
33
75
240
130 330 1010
500 kHz
25
64
230
125 250
870
125 kHz
16
55
220
110 235
715
32 kHz
14
53
215
110 225
645
1. Based on characterization results, not tested in production.
Table 28. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
HSI kernel
VDD
25°C
85°C
125°C
25°C
85°C
130°C
IDD(Stop 0)
Supply
current in
Stop 0
mode
Enabled
1.8 V
275
305
430
330
425
750
µA
2.4 V
280
310
435
330
450
850
3 V
280
315
435
350
490
950
3.6 V
285
315
440
375
500
1020
Disabled
1.8 V
95
140
270
120
180
490
2.4 V
100
145
275
125
220
610
3 V
100
145
280
125
240
720
3.6 V
105
150
285
130
250
840
1. Based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com