Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32G0
Description  Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 59Page - STMicroelectronics STM32G0 Datasheet HTML 60Page - STMicroelectronics STM32G0 Datasheet HTML 61Page - STMicroelectronics STM32G0 Datasheet HTML 62Page - STMicroelectronics STM32G0 Datasheet HTML 63Page - STMicroelectronics STM32G0 Datasheet HTML 64Page - STMicroelectronics STM32G0 Datasheet HTML 65Page - STMicroelectronics STM32G0 Datasheet HTML 66Page - STMicroelectronics STM32G0 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 135 page
background image
DS12232 Rev 4
63/135
STM32G071x8/xB
Electrical characteristics
107
Table 29. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Flash
memory
RTC(2)
VDD
25°C
85°C 125°C 25°C
85°C
130°C
IDD(Stop 1)
Supply
current in
Stop 1
mode
Not
powered
Disabled
1.8 V
3.2
32
150
8
100
480
µA
2.4 V
3.3
32
150
10
120
535
3 V
3.4
33
155
15
135
620
3.6 V
3.8
33
155
18
140
705
Enabled
1.8 V
3.4
32
150
9
100
480
2.4 V
3.7
32
155
11
120
540
3 V
4.0
33
155
16
140
630
3.6 V
4.4
34
160
20
145
720
Powered
Disabled
1.8 V
6.9
36
155
12
100
575
2.4 V
7.3
36
160
14
110
600
3 V
7.3
37
160
18
120
645
3.6 V
7.8
38
160
23
135
665
1. Based on characterization results, not tested in production.
2. Clocked by LSI
Table 30. Current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
VDD
25°C 85°C 125°C 25°C 85°C
130°C
IDD(Standby)
Supply current
in Standby
mode(2)
RTC disabled
1.8 V
0.07
1.7
6.7
0.7
9
34
µA
2.4 V
0.13
2.1
8.1
0.8
12
38
3.0 V
0.20
2.5
10.0
0.9
14
46
3.6 V
0.34
3.0
12.0
1.0
16
55
RTC enabled,
clocked by LSI;
1.8 V
0.35
2.0
7.0
0.8
10
35
2.4 V
0.49
2.4
8.4
1.0
12
40
3.0 V
0.66
2.9
10.5
1.3
15
47
3.6 V
0.90
3.5
12.5
2.2
18
56
IWDG enabled,
clocked by LSI
1.8 V
0.26
1.9
6.8
0.8
10
34
2.4 V
0.37
2.3
8.3
1.0
12
39
3.0 V
0.49
2.7
10.3
1.4
15
45
3.6 V
0.69
3.3
12.3
2.1
18
52
ULPEN = 0
1.8 V
0.70
1.6
6.6
-
-
-
2.4 V
0.89
2.0
8.0
-
-
-
3.0 V
1.10
2.4
9.8
-
-
-
3.6 V
1.30
2.9
11.8
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com