Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7135C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ICL7135C/D
Description  41/2 Digit A/D Converter with Multiplexed BCD Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7135C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button ICL7135C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 9Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 10Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 11Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 12Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
the signal integration period should be an integral multiple
of the power line cycles.
CLK
LINE
CLK
f
Reading Rate (in readings per second) =
40,002
f
x 10,000
f
for maximum normal mode rejection =
N
Where fLINE is the line frequency, normally 50Hz or 60Hz
and N is the number of line cycles that occur during a
signal integration period. For maximum normal mode
rejection, N should be an integer.
For 60Hz rejection, suitable clock frequencies include
300kHz, 200kHz, 150kHz, 120kHz, 100kHz, and 75kHz.
Suitable frequencies for use with 50Hz power include
250kHz , 1662/3kHz, 125kHz, and 100kHz. The two most
common clock frequencies are 120kHz (3 readings per
second) and 100kHz (21/2 readings per second). Note
that a 100kHz clock frequency rejects both 50Hz and
60Hz normal mode signals.
The maximum clock rate is limited by the maximum rate
at which the digital logic will correctly function (typically
2MHz), and by the speed of response of the comparator.
The comparator delay, about 3µs, has the same effect on
the measurement result as does an offset voltage with
the same polarity of the input signal. At the recommended
clock frequency of 120kHz, this small offset is slightly less
than 1/2 count. At higher clock frequencies the value of
the speedup resistor in series with the integration capaci-
tor (normally 27Ω) should be increased. At frequencies
above 120kHz, ringing on the integrator output may cause
nonlinearities in the first few counts.
The minimum clock frequency is limited by the leakage
of the auto-zero and reference capacitors. While seldom
desired, measurement cycles as long as 10 seconds can
be performed with negligible error at room temperature.
Figures 8A and 8B show two methods of generating a
suitable clock signal for the ICL7135.
Application Hints
Grounds
As with all sensitive analog circuitry, it is important to
keep the Digital Ground separate from the .analog ground
(called Analog Common on the ICL7135) to minimize
errors caused by the coupling of noise from the digital
circuitry into the sensitive analog section. Analog Common
should be connected to Digital Ground at only one point,
and return currents from digital loads must not flow
through the analog ground lines. Avoid any unnecessary
current flow in the analog ground path.
Single 5V Supply Operation
The ICL7135 normally uses ±5V supplies, however, in
some applications the negative supply is not needed.
Specifically, the negative 5V supply is not required if
the input signal can be referenced to the center of the
ICL7135’s common mode voltage range AND the signal
voltage is less than ±1.5V. The integrator swing must be
reduced, and there will be a slight increase in system
noise and nonlinearity. See Figure 9 for recommended
component values.
Figure 8A. LM311 Clock Source
Figure 9. Single +5V Supply Operation
Figure 8B. Crystal Oscillator Clock Source
ICL7135
41/2 Digit A/D Converter with
Multiplexed BCD Outputs
www.maximintegrated.com
Maxim Integrated │ 9
16kΩ
16kΩ
0.22µF
1kΩ
30kΩ
390pF
+5V
56kΩ
8
4
2
3
7
1
TO
ICL7135
CLOCK IN
LM311
+5
22MΩ
TO
ICL7135
CLOCK IN
100kHz OR
120kHz
TUNING
FORK
CRYSTAL
330kΩ
10pF
5pF
MAX4069
MAX4069
CMOS
INVERTOR
ANALOG COMMON
27Ω
100kΩ
100kΩ
100kΩ
SET VREF = 1.000V
VREF IN
2.5V
SIGNAL
INPUT
100kΩ
1.0µF
2.0µF
1µF
0.1µF
INT. OUT
RUN/HOLD
1
2
28
27
V-
-5V
REFERENCE
OVERRANGE
STROBE
UNDERRANGE
3
4
26
25
REF. CAP-
REF. CAP+
BUSY
5
6
24
23
A-Z IN
BUFF OUT
POLARITY
CLOCK IN
DIGITAL GND
CLOCK
IN
120kHz
7
8
22
21
IN LO
LSD D1
9
20
IN HI
D2
10
19
V+
D3
11
18
MSD D5
LSB B1
B2
D4
MSB B8
B4
12
17
13
16
14
15
ICL7135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com