Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7135C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # ICL7135C/D
Description  41/2 Digit A/D Converter with Multiplexed BCD Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7135C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button ICL7135C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 9Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 10Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 11Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 12Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Figure 15. Complex ICL7135 to UART Interface
ICL7135
41/2 Digit A/D Converter with
Multiplexed BCD Outputs
www.maximintegrated.com
Maxim Integrated │ 12
Chip Topography
4
3
2 1
28 27
26
INT OUT
5
AZ IN
6
BUFF OUT
7
8
9
10
11
12 13 14 15 16 17
18
25
24
23
22
R/H
DIGITAL GND
POL
CLOCK IN
21 BUSY
20
19
D1
D2
REF CAP-
REF CAP+
IN LO
IN HI
V+
D5 B1 B2 B4 B8 D4 D3
0.155”
(2.92mm)
0.134”
(3.40mm)
ANALOG
COMMON REF V-
UNDERRANGE
OVERRANGE
STROBE
TRO
EPE
DR
TBRL
TR1602
TBR
1Y 2Y 3Y
ENABLE
74C157
1A
D4
D5
D3 D2 D1 B1 B2 B4 B8
2A 3A
1B 2B 3B
1 2 3 4 5
6 7 8
RRI
DRR
+5V
10kΩ
100pF
STROBE
RUN/HOLD
BUSY
ICL7135
1.470
0.062
(1.575)
RAD
RAD
0.580
(14.730)
MIN
0.030
(0.762)
MAX
0.040 TYP
(1.016)
0.050 ± 0.015
86° 94°
TYP
86° 94°
TYP
(1.270 ± 0.381)
0.150 ± 0.005
(3.810 ± 0.127)
0.018 ± 0.003
(0.457 ± 0.076)
TYP
0.449 ± 0.001
(11.405 ± 0.025)
0.172 ± 0.003
(4.369 ± 0.076
0.420 ± 0.005
(10.668 ± 0.127)
0.045
(1.143)
0.035 RAD
(0.889)
0.022
(0.559)
0.685 ± 0.025
(17.399 ± 0.635)
0.008 ± 0.012
(0.203 - 0.305)
0.055 ± 0.005
(1.397 ± 0.127)
0.060 - 0.100
(1.524 - 2.540)
0.048 - 0.055
(1.219 - 1.397)
0.020 - 0.070
(0508 - 1.778)
0.125 MIN
(3.175)
0.125
(3.175)
MIN
0.200
(5.080)
MAX
0.018 ± 0.002
(0.457 ± 0.051)
TYP
28 Lead Plastic (PI)
θJA = 110°C/W, θJC = 50°C/W
28 Lead Plastic Chip Carrier (Quad Pak) (Q)
28 Lead Cerdip (JI)
θJA = 55°C/W
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.009 - 0.015
(1.229 - 0.381)
0.045
(1.143)
0.045
PIN 1
0.050 BC
(1.143)
0.010
(0.254)
0.010
(0.254)
0.045
(1.143)
0.010
(0.254)
0.070
(1.778)
0.145
(3.683)
95°± 5°
0.625 +0.025
-0.015
(15.875
)
+0.635
-0.381
(37.340)
0.070
(1.778)
0.600 - 0.620
(15.240 - 15.748)
0.540 ± 0.005
(13.720 ± 0.127)
0.490 ± 0.005
(12.446 ± 0.127)
0.530 - 0.550
MAX GLASS
(13.462 - 13.970)
0.600
(15.240)
0.100 ± 0.010
(2.540 ± 0.254)
0.100 ± 0.010
TYP
(2.540 ± 0.254)
MAX
1.490
GLASS SEALANT
(37.846) MAX
0.025
(0.635)
0.160
(4.064)
MAX
0.590 - 0.620
(14.986 - 15.748)
95°±5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com