Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7135C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # ICL7135C/D
Description  41/2 Digit A/D Converter with Multiplexed BCD Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7135C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  ICL7135C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Power Dissipation (Note 2)
CERDIP Package .....................................................1000mW
Plastic Package ...........................................................800mW
Operating Temperature ..........................................0°C to +70°C
Storage Temperature ...................................... -65°C to + 160°C
Lead Temperature (Soldering, 10 sec)..............................300°C
Supply Voltage V+ ................................................................+6V
V- ................................................................. -9V
Analog Input Voltage (either input) (Note 1)...................V+ to V-
Reference Input Voltage (either input) ..........................V+ to V-
Clock Input ..................................................................Gnd to V+
(V+ = +5V, V- = -5V, TA = 25°C, Clock Frequency Set for 3 Reading/Sec)
Note 1: Input voltages may exceed the supply voltages provided the input current is limited to +100µA.
Note 2: Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
(Note 1)
Note 1: Tested in 41/2 digit (20,000 count) circuit shown in Figure 1, clock frequency 120kHz.
Note 2: Tested with a low dielectric absorption integrating capacitor. See Component Selection Section.
Note 3: The temperature range can be extended to +70°C and beyond as long as the auto-zero and reference capacitors are
increased to absorb the higher leakage of the ICL7135.
Note 4: This specification relates to the clock frequency range over which the ICL7135 will correctly perform its various functions.
See “Max Clock Frequency” below for limitations on the clock frequency range in a system.
The electrical characteristics above are a reproduction of a portion of lntersil’s copyrighted (1983/1984) data book. This information does not constitute
any representation by Maxim that Intersil’s products will perform in accordance with these specifications. The “Electrical Characteristics Table” along
with the descriptive excerpts from the original manufacturer’s data sheet have been included in this data sheet solely for comparative purposes.
ICL7135
41/2 Digit A/D Converter with
Multiplexed BCD Outputs
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
ICL7135 Electrical Characteristics
ANALOG
(Note 1)
(Note 2)
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Zero Input Reading
VIN = 0.0V
Full Scale = 2.000V
-0.0000
±0.0000
+0.0000
Digital
Reading
Ratiometric Reading (Note 2)
VIN = VREF
Full Scale = 2.000V
+0.9995 +0.9999
+1.0000
Digital
Reading
Linearity over ± Full Scale
(Error of Reading from Best Straight Line)
-2V ≤ VIN ≤ +2V
0.5
1
Digital
Count Error
Differential Linearity (Difference Between Worst-
Case Step of Adjacent Counts and Ideal Step)
-2V ≤ VIN ≤ +2V
.01
LSB
Rollover error (Difference in Reading for Equal
Positive and Negative Voltage Near Full Scale)
-VIN ≡ VIN ≈ 2V
0.5
1
Digital
Count Error
Noise (P-P Value Not Exceeded 95% of Time)
en
VIN = 0V
Full Scale = 2.000V
15
µV
Leakage Current at Input
IILK
VIN = 0V
1
10
pA
Zero Reading Drift
VIN = 0V
0° ≤ TA ≤ +70°C
0.5
2
µV/°C
Scale Factor Temperature
Coefficient (Note 3)
TC
VIN = +2V
0° ≤ TA ≤ +70°C
(ext. ref. 0 ppm/°C)
2
5
ppm/°C
DIGITAL
INPUTS
Clock In, Run/Hold
VINH
2.8
2.2
V
VINL
1.6
0.8
IINL
VIN = 0V
0.02
0.1
mA
IINH
VIN = +5V
0.1
10
µA
OUTPUTS
All Outputs
VOL
IOL = 1.6mA
0.25
0.40
V
B1, B2, B4, B8
D1, D2, D3, D4, D5
VOH
IOH = -1mA
2.4
4.2
V
BUSY, STROBE, OVER-RANGE,
UNDER-RANGE, POLARITY
VOH
IOH = -10µA
4.9
4.99
V
SUPPLY
+5V Supply Range
V+
+4
+5
+6
V
-5V Supply Range
V-
-3
-5
-8
V
+5V Supply Current
I+
fC = 0
1.1
3.0
mA
-5V Supply Current
I-
fC = 0
0.8
3.0
Power Dissipation Capacitance
CPD
vs. Clock Freq
40
pF
Clock
Clock Frequency (Note 4)
DC
2000
1200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com