Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7135C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # ICL7135C/D
Description  41/2 Digit A/D Converter with Multiplexed BCD Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7135C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  ICL7135C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Note 1: Tested in 41/2 digit (20,000 count) circuit shown in Figure 1, clock frequency 120kHz.
Note 2: Tested with a low dielectric absorption integrating capacitor. See Component Selection Section.
Note 3: The Temperature range can be extended to +70°C and beyond as long as the auto-zero and reference capacitors are
increased to absorb the higher leakage of the ICL7135.
Note 4: This specification relates to the clock frequency range over which the ICL7135 will correctly perform its various functions.
See “Clock Frequency” below for limitations on the clock frequency range in a system.
Note 5: +5V Supply current for fc ≠ 0 is I+ = I+ (fc = 0) + CPD x 5V x fc.
Note 6: All pins are designed to withstand electrostatic discharge (ESD) levels in excess of 2000V. (Test circuit per MIL Std 883,
Method 3015.1)
● Guaranteed 2mA Max Supply Current
● Key Parameters Guaranteed Over Temperature
● Significantly Improved ESD Protection (Note 6)
● Low Noise
This device conforms to the Absolute Maximum Ratings on adjacent page.
Specifications below satisfy or exceed all ‘’tested” parameters on adjacent page.
(V+ = +5V, V- = -5V, TA = +25°C, Clock Frequency Set for 3 Reading/Sec)
● Maxim Quality and Reliability
ICL7135
41/2 Digit A/D Converter with
Multiplexed BCD Outputs
www.maximintegrated.com
Maxim Integrated │ 3
Absolute Maximum Ratings:
Electrical Characteristics
ANALOG
(Note 1)
(Note 2)
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Zero Input Reading
VIN = 0.0V, Full Scale = 2.000V
0° ≤ TA ≤ +70°C
-0.0000
±0.0000
-0.0000
Digital
Reading
Ratiometric Reading (Note 2)
VIN = VREF, Full Scale = 2.000V
TA = 25°C
0° ≤ TA ≤ +70°C
Digital
Reading
+0.9998
+0.9999
+1.0000
+0.9995 +0.9999 +1.0005
Linearity Over ± Full Scale
(Error of Reading from Best
Straight Line)
-2V ≤ VIN ≤ +2V
0.5
1
Digital
Count Error
Differential Linearity (Difference
Between Worst-Case Step of
Adjacent Counts and Ideal Step)
-2V ≤ VIN ≤ +2V
.01
LSB
Rollover Error (Difference in
Reading for Equal Positive and
Negative Voltage Near Full Scale)
-VIN = +VIN ≈ +2V
0.5
1
Digital
Count Error
Noise (P-P value not exceeded
95% of time)
en
VIN = 0V, Full Scale = 2.000V
15
µV
Leakage Current at Input
IILK
VIN = 0V
TA = 25°C
1
10
pA
0° ≤ TA ≤ +70°C
250
pA
Zero Reading Drift
VIN = 0V
0° ≤ TA ≤ +70°C
µV/°C
Scale Factor Temperature
Coefficient (3)
TC
VIN = +2V
0° ≤ TA ≤ +70°C
2
5
ppm/°C
(ext. ref. 0ppm/°C)
INPUTS
Clock In, Run/Hold
VINH
0° ≤ TA ≤ +70°C
2.8
2.2
V
VINL
0° ≤ TA ≤ +70°C
1.6
0.8
IINL
VIN = 0V
0° ≤ TA ≤ +70°C
0.02
0.1
mA
IINH
VIN = +5V
0° ≤ TA ≤ +70°C
0.1
10
µA
DIGITAL
OUTPUTS
All Outputs
VOL
IOL = 1.6mA
0.25
0.40
V
B1, B2, B4, B8
D1, D2, D3, D4, D5
VOH
IOH = -1mA
2.4
4.2
V
BUSY, STROBE ,
OVER-RANGE,
UNDER-RANGE POLARITY
VOH
IOH = -10µA
4.9
4.99
V
SUPPLY
+5V Supply Range
V+
+4
+5
+6
V
-5V Supply Range
V-
-3
-5
-8
V
+5V Supply Current
I+
fC = 0
TA = 25°C
0° ≤ TA ≤ +70°C
1.1
2.0
mA
3.0
mA
-5V Supply Current
I-
fC = 0
TA = 25°C
0° ≤ TA ≤ +70°C
0.8
2.0
mA
3.0
mA
Power Dissipation Capacitance
CPD
(Note 5)
40
pF
CLOCK
Clock Frequency (Note 4)
DC
2000
1200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com