Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7135C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # ICL7135C/D
Description  41/2 Digit A/D Converter with Multiplexed BCD Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7135C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  ICL7135C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 8Page - Maxim Integrated Products ICL7135C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Detailed Description
General Operation
The ICL7135 is divided into an Analog section and a
Digital section. The digital section includes the counters,
input and output interfaces, and control logic which controls
the timing of each measurement cycle. Each measurement
is divided into four phases: 1) auto-zero (AZ), 2) signal
integrate (INT), 3) reference deintegrate (DE), and 4) zero
integrator (ZI). The digital section controls the operation
of the analog section during each of these phases, using
counters and the state of the comparator to determine
when to start each of the four phases.
Auto-Zero Phase
During auto-zero Input HI and Input LO are disconnected
from the input pins and are internally shorted to Analog
COMMON. The output of the comparator is connected
to the inverting input of the Integrator, and at the same
time the non-inverting input of the integrator is connected
to the input of the buffer. This feedback loop charges the
autozero capacitor, CAZ, to compensate for the offset
voltages of the buffer amplifier, integrator, and comparator.
Also during auto-zero,the reference capacitor is
connected to the voltage reference and is charged to the
reference voltage. The auto-zero cycle is a minimum of
9800 clock cycles, except after an over-range reading.
After an over-range, the extended zero integrate phase
reduces the auto-zero phase to 3800 clock cycles.
Signal Integrate Phase
At the end of the auto-zero phase the auto-zero loop is
opened, and the Input High and Input Low are switched
to the external pins IN-HI and IN-LO. The analog section
integrates the differential voltage between Input High
and Input Low. The differential voltage must be within
the ICL7135’s common mode range. The voltage on the
integrator capacitor at the end of signal integrate is directly
proportional to the differential voltage between Input High
and Input Low, and is also directly proportional to the
length of the signal integrate phase. The signal integrate
phase lasts precisely 10,000 clock cycles. At the end of
this phase the input signal polarity is determined.
De-Integrate Phase
At the end of signal integrate, Input High and Input Low
are disconnected from the external pins. The integrator
non-inverting input pin is then internally connected to
Analog Common and the buffer input is connected to
one side of the reference capacitor. The other side of
the reference capacitor is connected to Analog Common.
The polarity at the output of the integrator (as detected
by the comparator at the end of signal integrate phase)
determines which terminal of the reference capacitor is
connected to the buffer input. The reference capacitor
polarity is chosen so that the integrator output will always
return towards Analog Common. Since the reference
capacitor was charged to the reference voltage during
the auto-zero phase, the integrator input voltage is now
the reference voltage. The De-Integrate phase lasts for
20,001 counts, or until the comparator detects that the
integrator output has crossed zero, whichever occurs first.
The time required to return to zero is proportional to the
input signal and is inversely proportional to the reference
voltage. The number of clock cycles required to return to
zero is counted by the digital section and is latched as the
measurement result.
IN
REF
V
Displayed reading = 10,000 x
V
Zero Integrator Phase
The last of the four phases is the zero integrator phase.
The non-inverting input of the integrator is internally shorted
to Analog Common and the buffer input is internally
connected to the output of the comparator. This closes
a loop that forces the integrator output to zero. Normally
this phase lasts only 100 to 200 counts, sufficient time
to remove the small residual charge on the integrator
capacitor caused by the comparator delay and the one
count delay created by sampling the comparator output
only once per clock cycle. However, an overrange condition
will exist when the integrator output does not return to
zero by the end of the De-Integrate phase, and can leave
a residual voltage on the integrator capacitor. In this case,
the Zero Integrator phase is increased to 6200 counts to
ensure that the integrator capacitor is fully discharged
before the next measurement cycle is started.
Analog Section
Analog COMMON
Analog COMMON is the Analog ground reference for the
ICL7135. If Input Low is at a voltage other than Analog
Figure 1. ICL7135 Test Circuit
ICL7135
41/2 Digit A/D Converter with
Multiplexed BCD Outputs
www.maximintegrated.com
Maxim Integrated │ 4
ANALOG COMMON
27Ω
100kΩ
100kΩ
100kΩ
SET VREF = 1.000V
VREF IN
ANALOG
GND
SIGNAL
INPUT
100kΩ
0.47µF
1.0µF
1µF
0.1µF
INT. OUT
RUN/HOLD
1
2
28
27
V-
-5V
+5V
REFERENCE
OVERRANGE
STROBE
UNDERRANGE
3
4
26
25
REF. CAP-
REF. CAP+
BUSY
5
6
24
23
A-Z IN
BUFF OUT
POLARITY
CLOCK IN
DIGITAL GND
OV
CLOCK
IN
120kHz
7
8
22
21
IN LO
LSD D1
9
20
IN HI
D2
10
19
V+
D3
11
18
MSD D5
LSB B1
B2
D4
MSB B8
B4
12
17
13
16
14
15
ICL7135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com