Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF10 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF10
Description  Precision VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF10 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF10 Datasheet HTML 1Page - Burr-Brown (TI) REF10 Datasheet HTML 2Page - Burr-Brown (TI) REF10 Datasheet HTML 3Page - Burr-Brown (TI) REF10 Datasheet HTML 4Page - Burr-Brown (TI) REF10 Datasheet HTML 5Page - Burr-Brown (TI) REF10 Datasheet HTML 6Page - Burr-Brown (TI) REF10 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
®
REF10
2
OUTPUT VOLTAGE
Initial
TA = +25°C
9.995
10.000
10.005
V
Trim Range(1)
–0.100
+0.250
V
vs Temperature(2): KM
0
°C to +70°C
1
ppm/
°C
JM
0
°C to +70°C
3
ppm/
°C
SM
–55
°C to +125°C
3
ppm/
°C
RM
–55
°C to +125°C
6
ppm/
°C
vs Supply (line regulation)
VCC = 13.5 to 35V
0.001
0.002
%/V
vs Output Current (load regulation)
IL = 0 to ±10mA
0.001
0.002
%/mA
vs Time(3)
TA = +25°C10
±50
ppm/1000hr
NOISE
0.1Hz to 10Hz
6
25
µVp-p
OUTPUT CURRENT
Source or Sink
±10
mA
INPUT VOLTAGE RANGE
13.5
35
V
QUIESCENT CURRENT
IOUT = 0
4.5
6
mA
WARM-UP TIME
To 0.1%
10
µs
TEMPERATURE RANGE
Specification: JM, KM
0
+70
°C
RM, SM
–55
+125
°C
Operating: JM, KM
–25
+85
°C
RM, SM
–55
+125
°C
Storage
–65
+125
°C
NOTES: (1) Trimming the offset voltage will affect the drift slightly. See Installation and Operating Instructions for details. (2) The “box method” is used to specify output
voltage drift vs temperature. See the Discussion of Performance section. (3) Sample tested with power applied continuously.
SPECIFICATIONS
ELECTRICAL
TA = +25°C, and ±15VDC power supply, unless otherwise noted.
REF10JM, KM, RM, SM
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ORDERING INFORMATION
TEMPERATURE
MAX DRIFT
MODEL
PACKAGE
RANGE
(ppm/
°C)
REF10JM
Metal TO-99
0
°C to +70°C3
REF10KM
Metal TO-99
0
°C to +70°C1
REF10RM
Metal TO-99
–55
°C to +125°C6
REF10SM
Metal TO-99
–55
°C to +125°C3
Input Voltage ........................................................................................ 40V
Power Dissipation at +25
°C ............................................................ 200mV
Operating Temperature
J, K .................................................................................. –25
°C to +85°C
R, S ............................................................................... –55
°C to +125°C
Storage Temperature Range .......................................... –65
°C to +125°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Short-Circuit Protection at +25
°C
to Common or +15VDC ........................................................ Continuous
ABSOLUTE MAXIMUM RATINGS
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
REF10JM
8-Pin Metal TO-99
001
REF10KM
8-Pin Metal TO-99
001
REF10RM
8-Pin Metal TO-99
001
REF10SM
8-Pin Metal TO-99
001
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
PIN CONFIGURATION
Top View
NOTE: (1) Pin 3 is an unbuffered 6.3V output. Any load will affect the output
voltage and drift. A load of 1
µA on pin 3 will typically change the output voltage
by 50
µV and the drift by 0.1ppm/°C.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
8
1
2
7
6
5
3
4
V
OUT
V
Z
(1)
TAB
Common
Trim
NC
+V
CC
NC = No Internal Connection.
NC
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com