Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF10 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF10
Description  Precision VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF10 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  REF10 Datasheet HTML 1Page - Burr-Brown (TI) REF10 Datasheet HTML 2Page - Burr-Brown (TI) REF10 Datasheet HTML 3Page - Burr-Brown (TI) REF10 Datasheet HTML 4Page - Burr-Brown (TI) REF10 Datasheet HTML 5Page - Burr-Brown (TI) REF10 Datasheet HTML 6Page - Burr-Brown (TI) REF10 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
®
REF10
7
FIGURE 8. Stacked References.
NOTES: (1) REF10s can be stacked to obtain voltages in multiples of 10V.
(2) The supply voltage should be between 10n +5 and 10n +25 where n is
the number of REF10s. (3) Output current of each REF10 must not exceed
its rated output current of
±10mA. This includes the current delivered to the
lower REF10.
FIGURE 9.
±5V Reference.
FIGURE 10. +5V and +10V Reference.
REF10
2
4
6
2
5
6
3
1
+10V
+5
INA105
E
O = E1/2, ±0.01%
+V
CC
REF10
2
6
4
+V
CC = 24V
820
Ω
∆V
600
Ω
600
Ω
600
Ω
600
Ω
+10V
FIGURE 11. +10V Reference with Output Current Boost
Using a Resistor to Drive a 600
Ω Bridge.
At 10V, the 600
Ω bridge requires 16.7mA. An 820Ω resistor connected
directly from the bridge to the positive supply provides the bulk of the bridge
current. The REF10 need only supply an error current to keep the bridge at
10V. Since the REF10 can sink or source up to 10mA, the circuit shown can
tolerate supply variations of up to 24V,
±8V, or bridge resistance drift from
400
Ω to 1400Ω.
REF10
2
4
6
+5V Out
–5V Out
3
1
6
5
2
INA105
REF10
2
6
+30V
REF10
2
6
35V to 55V
4
+20V
+10V
4
REF10
2
6
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com