Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF10 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF10
Description  Precision VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF10 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REF10 Datasheet HTML 1Page - Burr-Brown (TI) REF10 Datasheet HTML 2Page - Burr-Brown (TI) REF10 Datasheet HTML 3Page - Burr-Brown (TI) REF10 Datasheet HTML 4Page - Burr-Brown (TI) REF10 Datasheet HTML 5Page - Burr-Brown (TI) REF10 Datasheet HTML 6Page - Burr-Brown (TI) REF10 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REF10
Precision
VOLTAGE REFERENCE
FEATURES
q +10.00V OUTPUT
q HIGH ACCURACY:
±0.005V Untrimmed
q VERY-LOW DRIFT: 1ppm/
°C max
q EXCELLENT STABILITY: 10ppm/1000hrs typ
q LOW NOISE: 6
µVp-p typ, 0.1Hz to 10Hz
q WIDE SUPPLY RANGE: Up to 35V
DESCRIPTION
The REF10 is a precision voltage reference which
provides a +10.00V output. The drift is laser-trimmed
to 1ppm/
°C max (KM grade) over the full specifica-
tion range. This is in contrast to some references
which guarantee drift over a limited portion of their
specification temperature range. The REF10 achieves
its precision without a heater. This results in low
quiescent current, fast warm-up, excellent stability,
and low noise.
The output can be adjusted with minimal effect on
drift or stability. Single supply operation over 13.5V
to 35V supply range and excellent overall specifica-
tions make the REF10 an ideal choice for the most
demanding applications such as precision system stan-
dard, D/A and A/D references, transducer excitation,
etc.
APPLICATIONS
q PRECISION CALIBRATED VOLTAGE
STANDARD
q TRANSDUCER EXCITATION
q D/A AND A/D CONVERTER REFERENCE
q PRECISION CURRENT REFERENCE
q ACCURATE COMPARATOR THRESHOLD
REFERENCE
q DIGITAL VOLTMETERS
q TEST EQUIPMENT
R
2
7k
Ω
R
4
156k
Ω
R
3
2k
Ω
R
1
12k
Ω
D21
2
6
+V
CC
V
OUT
5
3
V
TRIM
V
Z
4 Common
70
60
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
–70
0
Time (Hours)
TIME STABILITY
1k
2k
3k
®
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
©1984 Burr-Brown Corporation
PDS-528B
Printed in U.S.A October, 1993


Similar Part No. - REF10

ManufacturerPart #DatasheetDescription
logo
ebm-papst
REF100 EBMPAPST-REF100 Datasheet
704Kb / 3P
DC axial fans
REF100 EBMPAPST-REF100 Datasheet
430Kb / 3P
DC axial fans
REF100 EBMPAPST-REF100 Datasheet
505Kb / 3P
DC axial fans
REF100 EBMPAPST-REF100 Datasheet
426Kb / 3P
DC diagonal fans
REF100 EBMPAPST-REF100 Datasheet
245Kb / 1P
DC centrifugal fans
More results

Similar Description - REF10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com