Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF10 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF10
Description  Precision VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF10 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  REF10 Datasheet HTML 1Page - Burr-Brown (TI) REF10 Datasheet HTML 2Page - Burr-Brown (TI) REF10 Datasheet HTML 3Page - Burr-Brown (TI) REF10 Datasheet HTML 4Page - Burr-Brown (TI) REF10 Datasheet HTML 5Page - Burr-Brown (TI) REF10 Datasheet HTML 6Page - Burr-Brown (TI) REF10 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
®
REF10
3
POWER TURN-ON RESPONSE
20
15
10
5
0
–5
–10
–15
Power Turn-On
–20
TYPICAL PERFORMANCE CURVES
TA = +25°C, and ±15VDC power supply, unless otherwise noted.
400
200
0
–200
–400
T
A =
+25°C
5
015
20
10
Time (µs)
RESPONSE TO THERMAL SHOCK
T
A = +70°C
Device Immersed in +70°C
Fluorinert Bath
100
90
80
70
60
50
40
30
100
0
10k
100k
1k
Frequency (Hz)
POWER SUPPLY REJECTION vs FREQUENCY
5
4
3
2
1
–75
Temperature (°C)
QUIESCENT CURRENT vs TEMPERATURE
–50
–25
0
25
50
75
100
125
10k
1k
100
10
1
10k
R
S (Ω)
OUTPUT VOLTAGE ADJUSTMENT vs R
S
100k
1M
10M
100M
See Optional Output
Voltage Fine Adjust,
Figure 4.
Voltage Increase
Voltage Decrease
100
80
60
40
20
0
2
06
8
4
Output Current (mA)
JUNCTION TEMPERATURE RISE
vs OUTPUT CURRENT
10
Max temp rise for
+85°C ambient
Max temp rise for
+125°C ambient
V
CC = 35V
V
CC = 25V
V
CC = 20V
V
CC = 15V
V
CC = 30V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com