Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF10 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF10
Description  Precision VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF10 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REF10 Datasheet HTML 1Page - Burr-Brown (TI) REF10 Datasheet HTML 2Page - Burr-Brown (TI) REF10 Datasheet HTML 3Page - Burr-Brown (TI) REF10 Datasheet HTML 4Page - Burr-Brown (TI) REF10 Datasheet HTML 5Page - Burr-Brown (TI) REF10 Datasheet HTML 6Page - Burr-Brown (TI) REF10 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
®
REF10
4
TYPICAL PERFORMANCE CURVES (CONT)
NOISE TEST CIRCUIT
TA = +25°C, and ±15VDC power supply, unless otherwise noted.
–
+
OPA27
DUT
100µF
15.8k
Ω
20
Ω
2k
Ω
8K
Ω
2µF
Oscilloscope
Gain = 100V/V
f
3dB = 0.1Hz and 10Hz
TYPICAL REF10 NOISE
0
–2
–4
–6
2
4
6
Low Frequency Noise
(see Noise Test Circuit)
TYPICAL BANDGAP REFERENCE NOISE
0
–2
–4
–6
2
4
6
Low Frequency Noise
(see Noise Test Circuit)
TYPICAL HEATED ZENER NOISE
0
–2
–4
–6
2
4
6
Low Frequency Noise
(see Noise Test Circuit)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com