Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 72Page - STMicroelectronics STM8L151X6 Datasheet HTML 73Page - STMicroelectronics STM8L151X6 Datasheet HTML 74Page - STMicroelectronics STM8L151X6 Datasheet HTML 75Page - STMicroelectronics STM8L151X6 Datasheet HTML 76Page - STMicroelectronics STM8L151X6 Datasheet HTML 77Page - STMicroelectronics STM8L151X6 Datasheet HTML 78Page - STMicroelectronics STM8L151X6 Datasheet HTML 79Page - STMicroelectronics STM8L151X6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 147 page
background image
Electrical parameters
STM8L151x6/8 STM8L152x6/8
76/147
DS6948 Rev 11
IDD(RUN)
Supply
current
in Run
mode
All
peripherals
OFF, code
executed
from Flash,
VDD from
1.65 V to
3.6 V
HSI RC
osc.(9)
fCPU = 125 kHz 0.35
0.46
0.48
0.51
0.59
mA
fCPU = 1 MHz
0.54
0.65
0.67
0.7
0.78
fCPU = 4 MHz
1.16
1.27
1.29
1.32
1.4
fCPU = 8 MHz
1.97
2.08
2.1
2.13
2.21
fCPU = 16 MHz 3.54 3.65
3.67
3.7
3.78
HSE
external
clock
(fCPU=fHSE)
(8)
fCPU = 125 kHz 0.35
0.44
0.46
0.49
0.58
fCPU = 1 MHz
0.53
0.62
0.64
0.67
0.76
fCPU = 4 MHz
1.13
1.22
1.24
1.27
1.36
fCPU = 8 MHz
2
2.09
2.11
2.14
2.23
fCPU = 16 MHz 3.69 3.78
3.8
3.83
3.92
LSI RC osc.
fCPU = fLSI
0.110 0.123
0.130
0.138
0.180
LSE external
clock
(32.768
kHz)(10)
fCPU = fLSE
0.100 0.101
0.104
0.119
0.163
1. All peripherals OFF, VDD from 1.65 V to 3.6 V, HSI internal RC osc., fCPU=fSYSCLK
2. For devices with suffix 6
3. For devices with suffix 7
4. For devices with suffix 3
5. CPU executing typical data processing
6. The run from RAM consumption can be approximated with the linear formula:
IDD(run_from_RAM) = Freq. * 95 µA/MHz + 250 µA
7. Tested in production.
8. Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE consumption
(IDD HSE) must be added. Refer to Table 31.
9. The run from Flash consumption can be approximated with the linear formula:
IDD(run_from_Flash) = Freq. * 200 µA/MHz + 330 µA
10. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 32
Table 20. Total current consumption in Run mode (continued)
Symbol
Para
meter
Conditions(1)
Typ.
Max.
Unit
55°C
85 °C
(2)
105 °C
(3)
125 °C
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com