Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 74Page - STMicroelectronics STM8L151X6 Datasheet HTML 75Page - STMicroelectronics STM8L151X6 Datasheet HTML 76Page - STMicroelectronics STM8L151X6 Datasheet HTML 77Page - STMicroelectronics STM8L151X6 Datasheet HTML 78Page - STMicroelectronics STM8L151X6 Datasheet HTML 79Page - STMicroelectronics STM8L151X6 Datasheet HTML 80Page - STMicroelectronics STM8L151X6 Datasheet HTML 81Page - STMicroelectronics STM8L151X6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 147 page
background image
Electrical parameters
STM8L151x6/8 STM8L152x6/8
78/147
DS6948 Rev 11
In the following table, data are based on characterization results, unless otherwise
specified.
Table 21. Total current consumption in Wait mode
Symbol Parameter
Conditions(1)
Typ
Max
Unit
55°C 85 °C
(2)
105 °C
(3)
125 °C
(4)
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code
executed from
RAM
with Flash in
IDDQ mode,(5)
VDD from
1.65 V to
3.6 V
HSI
fCPU = 125 kHz 0.21
0.29
0.33
0.36
0.43
mA
fCPU = 1 MHz
0.25
0.33
0.37
0.4
0.47
fCPU = 4 MHz
0.32
0.4
0.44
0.47
0.54
fCPU = 8 MHz
0.42 0.496
0.54
0.56
0.64
fCPU = 16 MHz 0.66 0.736 0.78(6) 0.8(6) 0.88(6)
HSE
external
clock
(fCPU=fHSE)
(7)
fCPU = 125 kHz 0.19
0.21
0.3
0.35
0.41
fCPU = 1 MHz
0.2
0.23
0.32
0.36
0.43
fCPU = 4 MHz
0.27
0.3
0.39
0.43
0.5
fCPU = 8 MHz
0.37
0.4
0.49
0.53
0.6
fCPU = 16 MHz 0.63 0.66 0.75(6) 0.79(6) 0.86(6)
LSI
fCPU = fLSI
0.028 0.037 0.039
0.044
0.054
LSE(8)
external
clock
(32.768
kHz)
fCPU = fLSE
0.027 0.035 0.038
0.042
0.051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com