Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 15Page - STMicroelectronics STM8L151X6 Datasheet HTML 16Page - STMicroelectronics STM8L151X6 Datasheet HTML 17Page - STMicroelectronics STM8L151X6 Datasheet HTML 18Page - STMicroelectronics STM8L151X6 Datasheet HTML 19Page - STMicroelectronics STM8L151X6 Datasheet HTML 20Page - STMicroelectronics STM8L151X6 Datasheet HTML 21Page - STMicroelectronics STM8L151X6 Datasheet HTML 22Page - STMicroelectronics STM8L151X6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 147 page
background image
DS6948 Rev 11
19/147
STM8L151x6/8 STM8L152x6/8
Functional overview
63
Figure 2. Clock tree diagram
3.5
Low-power real-time clock
The real-time clock (RTC) is only available on STM8L151xx and STM8L152xx devices.
The real-time clock (RTC) is an independent binary coded decimal (BCD) timer/counter.
Six byte locations contain the second, minute, hour (12/24 hour), week day, date, month,
year, in BCD (binary coded decimal) format. Correction for 28, 29 (leap year), 30, and 31
day months are made automatically. The subsecond field can also be read in binary format.
The calendar can be corrected from 1 to 32767 RTC clock pulses. This allows to make a
synchronization to a master clock.
The RTC offers a digital calibration which allows an accuracy of +/-0.5 ppm.
It provides a programmable alarm and programmable periodic interrupts with wakeup from
Halt capability.
•
Periodic wakeup time using the 32.768 kHz LSE with the lowest resolution (of 61 µs) is
from min. 122 µs to max. 3.9 s. With a different resolution, the wakeup time can reach
36 hours
•
Periodic alarms based on the calendar can also be generated from LSE period to every
year
A clock security system detects a failure on LSE, and can provide an interrupt with wakeup
capability. The RTC clock can automatically switch to LSI in case of LSE failure.
The RTC also provides 3 anti-tamper detection pins. This detection embeds a
programmable filter and can wakeup the MCU.
HSE OSC
1-16 MHz
HSI RC
16 MHz
LSI RC
38 k Hz
LSE OSC
32 768 kHz
HSI
LSI
RTC
prescaler
/1;2;4;8;16;32;64
PCLK
to peripherals
RTCCLK/2
to LCD
to IWDG
SYSCLK
HSE
LSI
LSE
OSC_OUT
OSC32_OUT
OSC_IN
OSC32_IN
clock output
CCO
prescaler
/1;2;4;8;16;32;64
HSI
LSI
HSE
LSE
CCO
to core and
memory
SYSCLK
Prescaler
/1;2;4;8;16;32;64;128
IWDGCLK
RTCSEL[3:0]
LSE
CLKBEEPSEL[1:0]
to BEEP
BEEPCLK
ai18269
CSS
configurable
.
/ 2
Peripheral
Clock enable (20 bits)
to RTC
RTCCLK
c lock enable (1 bit)
LCDCLK
to LCD
SYSCLK
Halt
clock enable (1 bit)
LCD peripheral
RTCCLK
LCD peripheral
CSS_LSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com