Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 81Page - STMicroelectronics STM8L151X6 Datasheet HTML 82Page - STMicroelectronics STM8L151X6 Datasheet HTML 83Page - STMicroelectronics STM8L151X6 Datasheet HTML 84Page - STMicroelectronics STM8L151X6 Datasheet HTML 85Page - STMicroelectronics STM8L151X6 Datasheet HTML 86Page - STMicroelectronics STM8L151X6 Datasheet HTML 87Page - STMicroelectronics STM8L151X6 Datasheet HTML 88Page - STMicroelectronics STM8L151X6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 147 page
background image
DS6948 Rev 11
85/147
STM8L151x6/8 STM8L152x6/8
Electrical parameters
124
In the following table, data are based on characterization results, unless otherwise
specified.
Table 24. Total current consumption and timing in Active-halt mode
at VDD = 1.65 V to 3.6 V
Symbol
Parameter
Conditions(1)
Typ. Max.
Unit
IDD(AH)
Supply current in
Active-halt mode
LSI RC
(at 38 kHz)
LCD OFF(2)
TA = -40 °C to 25 °C
0.92
2.25
μA
TA = 55 °C
1.32
3.44
TA = 85 °C
1.63
3.87
TA = 105 °C
3
7.94
TA = 125 °C
5.6
13.8
LCD ON
(static duty/
external
VLCD) (3)
TA = -40 °C to 25 °C
1.56
3.6
TA = 55 °C
1.64
3.8
TA = 85 °C
2.12
5.03
TA = 105 °C
3.34
8.2
TA = 125 °C
5.83
14.4
LCD ON
(1/4 duty/
external
VLCD) (4)
TA = -40 °C to 25 °C
1.92
4.56
TA = 55 °C
2.1
4.97
TA = 85 °C
2.6
6.14
TA = 105 °C
3.62
8.49
TA = 125 °C
6.1
15.92
LCD ON
(1/4 duty/
internal
VLCD) (5)
TA = -40 °C to 25 °C
4.2
9.88
TA = 55 °C
4.39 10.32
TA = 85 °C
4.84
11.5
TA = 105 °C
5.98
15
TA = 125 °C
7.21 18.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com