Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 79Page - STMicroelectronics STM8L151X6 Datasheet HTML 80Page - STMicroelectronics STM8L151X6 Datasheet HTML 81Page - STMicroelectronics STM8L151X6 Datasheet HTML 82Page - STMicroelectronics STM8L151X6 Datasheet HTML 83Page - STMicroelectronics STM8L151X6 Datasheet HTML 84Page - STMicroelectronics STM8L151X6 Datasheet HTML 85Page - STMicroelectronics STM8L151X6 Datasheet HTML 86Page - STMicroelectronics STM8L151X6 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 147 page
background image
DS6948 Rev 11
83/147
STM8L151x6/8 STM8L152x6/8
Electrical parameters
124
In the following table, data are based on characterization results, unless otherwise
specified.
Table 23. Total current consumption in Low-power wait mode at VDD = 1.65 V to 3.6 V
Symbol
Parameter
Conditions(1)
Typ.
Max. Unit
IDD(LPW)
Supply current in
Low-power
wait mode
LSI RC osc.
(at 38 kHz)
all peripherals OFF
TA = -40 °C to 25 °C
3.03
3.41
μA
TA = 55 °C
3.38
3.78
TA = 85 °C
4.6
5.34
TA = 105 °C
7.25
8.84
TA = 125 °C
11.89 16.18
with TIM2 active(2)
TA = -40 °C to 25 °C
3.78
4.21
TA = 55 °C
4.13
4.57
TA = 85 °C
5.29
6.08
TA = 105 °C
7.54
9.13
TA = 125 °C
12.47 15.56
LSE external
clock(3)
(32.768 kHz)
all peripherals OFF
TA = -40 °C to 25 °C
2.46
2.89
TA = 55 °C
2.58
3.07
TA = 85 °C
3.32
4.05
TA = 105 °C
4.63
6.17
TA = 125 °C
7.52
11.68
with TIM2 active (2)
TA = -40 °C to 25 °C
2.88
3.29
TA = 55 °C
2.97
3.42
TA = 85 °C
3.69
4.55
TA = 105 °C
5.09
6.78
TA = 125 °C
7.91
12.15
1. No floating I/Os.
2. Timer 2 clock enabled and counter is running.
3. Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com