Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151X6 Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM8L151X6
Description  8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X6 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM8L151X6 Datasheet HTML 138Page - STMicroelectronics STM8L151X6 Datasheet HTML 139Page - STMicroelectronics STM8L151X6 Datasheet HTML 140Page - STMicroelectronics STM8L151X6 Datasheet HTML 141Page - STMicroelectronics STM8L151X6 Datasheet HTML 142Page - STMicroelectronics STM8L151X6 Datasheet HTML 143Page - STMicroelectronics STM8L151X6 Datasheet HTML 144Page - STMicroelectronics STM8L151X6 Datasheet HTML 145Page - STMicroelectronics STM8L151X6 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 147 page
background image
Ordering information
STM8L151x6/8 STM8L152x6/8
142/147
DS6948 Rev 11
11
Ordering information
For a list of available options (e.g. memory size, package) and order-able part numbers or
for further information on any aspect of this device, please go to www.st.com or contact the
ST Sales Office nearest to you.
Table 69. Ordering information scheme
Example:
STM8 L 152 C
8
T
6
D xx
Device family
STM8 microcontroller
Product type
L = Low-power
Device subfamily
151: Devices without LCD
152: Devices with LCD
Pin count
K = 32 balls
C = 48 pins
R = 64 pins
M = 80 pins
Program memory size
8 = 64 Kbyte of Flash memory
6 = 32 Kbyte of Flash memory
Package
T = LQFP
U = UFQFPN
Y = WLCSP32
Temperature range
3 = Industrial temperature range, – 40 to 125 °C
7 = Industrial temperature range, – 40 to 105 °C
6 = Industrial temperature range, – 40 to 85 °C
Option
Blank = VDD range from 1.8 to 3.6 V and BOR enabled
D = VDD range from 1.65 to 3.6 V and BOR disabled
Packing
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com