Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15RQ06 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH15RQ06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15RQ06 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH15RQ06 Datasheet HTML 1Page - STMicroelectronics STTH15RQ06 Datasheet HTML 2Page - STMicroelectronics STTH15RQ06 Datasheet HTML 3Page - STMicroelectronics STTH15RQ06 Datasheet HTML 4Page - STMicroelectronics STTH15RQ06 Datasheet HTML 5Page - STMicroelectronics STTH15RQ06 Datasheet HTML 6Page - STMicroelectronics STTH15RQ06 Datasheet HTML 7Page - STMicroelectronics STTH15RQ06 Datasheet HTML 8Page - STMicroelectronics STTH15RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Figure 11. Junction capacitance versus reverse voltage
applied (typical values)
1
10
100
1000
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
Figure 12. Thermal resistance junction to ambient versus
copper surface under tab (typical values, epoxy printed
board FR4, eCu = 35 μm) (D²PAK and D²PAK HV)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
Figure 13. Relative variation of non-repetitive peak surge
forward current versus pulse duration (sinusoidal
waveform)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
tp(ms)
IFSM(tp) / IFSM(10 ms)
Figure 14. Relative variation of non-repetitive peak surge
forward current versus initial junction temperature
(sinusoidal waveform)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
175
Tj(°C)
IFSM(Tj) / IFSM(25 °C)
STTH15RQ06
Characteristics (curves)
DS12162 - Rev 2
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com