Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15RQ06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH15RQ06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15RQ06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH15RQ06 Datasheet HTML 1Page - STMicroelectronics STTH15RQ06 Datasheet HTML 2Page - STMicroelectronics STTH15RQ06 Datasheet HTML 3Page - STMicroelectronics STTH15RQ06 Datasheet HTML 4Page - STMicroelectronics STTH15RQ06 Datasheet HTML 5Page - STMicroelectronics STTH15RQ06 Datasheet HTML 6Page - STMicroelectronics STTH15RQ06 Datasheet HTML 7Page - STMicroelectronics STTH15RQ06 Datasheet HTML 8Page - STMicroelectronics STTH15RQ06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses in a power diode
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (square waveform)
0
10
20
30
40
50
0
4
8
12
16
20
P
(W)
F( AV )
T
δ=tp/T
tp
I
(
A)
F( AV )
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
Figure 2. Average forward power dissipation versus
average forward current (sinusoidal waveform)
0
10
20
30
40
50
60
0
4
8
12
16
20
24
P
(W)
F( AV )
I
(
A)
F( AV )
δ = 1
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
Figure 3. Forward voltage drop versus forward current
(typical values)
0.1
1.0
10.0
100.0
0.0
1.0
2.0
3.0
4.0
5.0
IF(A)
T
J=150°C
T
j = 150°C
VF (V)
T
J=150°C
T
j = 175°C
T
J=150°C
T
j = 25°C
Figure 4. Forward voltage drop versus forward current
(maximum values)
0.1
1.0
10.0
100.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
I
F(A)
T
J=150°C
T
j = 150°C
VF (V)
T
J=150°C
T
j = 175°C
T
J=150°C
T
j = 25°C
STTH15RQ06
Characteristics (curves)
DS12162 - Rev 2
page 3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com