Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15RQ06 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH15RQ06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15RQ06 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH15RQ06 Datasheet HTML 6Page - STMicroelectronics STTH15RQ06 Datasheet HTML 7Page - STMicroelectronics STTH15RQ06 Datasheet HTML 8Page - STMicroelectronics STTH15RQ06 Datasheet HTML 9Page - STMicroelectronics STTH15RQ06 Datasheet HTML 10Page - STMicroelectronics STTH15RQ06 Datasheet HTML 11Page - STMicroelectronics STTH15RQ06 Datasheet HTML 12Page - STMicroelectronics STTH15RQ06 Datasheet HTML 13Page - STMicroelectronics STTH15RQ06 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2.3
TO-220AC package information
•
Epoxy meets UL 94,V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 0.55 N·m
•
Maximum torque value: 0.70 N·m
Figure 18. TO-220AC package outline
A
C
D
L7
Ø I
L5
L6
L9
L4
F
H2
G
L2
F1
E
M
STTH15RQ06
TO-220AC package information
DS12162 - Rev 2
page 10/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com