Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15RQ06 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STTH15RQ06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15RQ06 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STTH15RQ06 Datasheet HTML 9Page - STMicroelectronics STTH15RQ06 Datasheet HTML 10Page - STMicroelectronics STTH15RQ06 Datasheet HTML 11Page - STMicroelectronics STTH15RQ06 Datasheet HTML 12Page - STMicroelectronics STTH15RQ06 Datasheet HTML 13Page - STMicroelectronics STTH15RQ06 Datasheet HTML 14Page - STMicroelectronics STTH15RQ06 Datasheet HTML 15Page - STMicroelectronics STTH15RQ06 Datasheet HTML 16Page - STMicroelectronics STTH15RQ06 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
3
Ordering information
Table 10. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STTH15RQ06G-TR
STTH15RQ06G
D²PAK
1.48 g
1000
Tape and reel
STTH15RQ06D
STTH15RQ06D
TO-220AC
1.86 g
50
Tube
STTH15RQ06W
STTH15RQ06W
DO-247
4.40 g
30
Tube
STTH15RQ06G2-TR
TH15RQ06G2
D²PAK HV
1.48 g
1000
Tape and reel
STTH15RQ06
Ordering information
DS12162 - Rev 2
page 15/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com