Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15RQ06 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STTH15RQ06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15RQ06 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STTH15RQ06 Datasheet HTML 9Page - STMicroelectronics STTH15RQ06 Datasheet HTML 10Page - STMicroelectronics STTH15RQ06 Datasheet HTML 11Page - STMicroelectronics STTH15RQ06 Datasheet HTML 12Page - STMicroelectronics STTH15RQ06 Datasheet HTML 13Page - STMicroelectronics STTH15RQ06 Datasheet HTML 14Page - STMicroelectronics STTH15RQ06 Datasheet HTML 15Page - STMicroelectronics STTH15RQ06 Datasheet HTML 16Page - STMicroelectronics STTH15RQ06 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
2.4.1
Creepage distance between anode and cathode
Table 9. Creepage distance between anode and cathode
Symbol
Parameter
Value
Unit
CdA-K1
Minimum creepage distance between A and K1 (with top coating)
D²PAK HV
5.38
mm
CdA-K2
Minimum creepage distance between A and K2 (without top coating)
3.48
Note:
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min. (refer to IEC 60664-1)
Figure 21. Creepage with top coating
Figure 22. Creepage without top coating
STTH15RQ06
D²PAK high voltage package information
DS12162 - Rev 2
page 14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com