Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 115 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 115 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 111Page - STMicroelectronics SPC58EEX Datasheet HTML 112Page - STMicroelectronics SPC58EEX Datasheet HTML 113Page - STMicroelectronics SPC58EEX Datasheet HTML 114Page - STMicroelectronics SPC58EEX Datasheet HTML 115Page - STMicroelectronics SPC58EEX Datasheet HTML 116Page - STMicroelectronics SPC58EEX Datasheet HTML 117Page - STMicroelectronics SPC58EEX Datasheet HTML 118Page - STMicroelectronics SPC58EEX Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 154 page
background image
DS11646 Rev 4
115/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
Figure 37. DSPI slave mode — modified transfer format timing (MFTE = 0/1) CPHA = 1
3.18.3
Ethernet timing
The Ethernet provides both MII and RMII interfaces. The MII and RMII signals can be
configured for either CMOS or TTL signal levels compatible with devices operating at either
5.0 V or 3.3 V. Please check the device pinout details to review the packages supporting MII
and RMII.
3.18.3.1
MII receive signal timing (RXD[3:0], RX_DV, RX_ER, and RX_CLK)
The receiver functions correctly up to a RX_CLK maximum frequency of 25 MHz +1%.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the RX_CLK frequency.
Note:
In the following table, all timing specifications are referenced from RX_CLK = 1.4 V to the
valid input levels, 0.8 V and 2.0 V.
Last Data
Last Data
SIN
SOUT
SS
First Data
First Data
Data
Data
SCK Input
SCK Input
(CPOL = 0)
(CPOL = 1)
tA
tDIS
tSUI
tHI
tSUO
tHO
Table 61. MII receive signal timing
Symbol
C
Characteristic
Value
Unit
Min
Max
M1
CC D RXD[3:0], RX_DV, RX_ER to RX_CLK setup
5
—
ns
M2
CC D RX_CLK to RXD[3:0], RX_DV, RX_ER hold
5
—
ns
M3
CC D RX_CLK pulse width high
35%
65%
RX_CLK period
M4
CC D RX_CLK pulse width low
35%
65%
RX_CLK period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com