Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 118 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 118 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 114Page - STMicroelectronics SPC58EEX Datasheet HTML 115Page - STMicroelectronics SPC58EEX Datasheet HTML 116Page - STMicroelectronics SPC58EEX Datasheet HTML 117Page - STMicroelectronics SPC58EEX Datasheet HTML 118Page - STMicroelectronics SPC58EEX Datasheet HTML 119Page - STMicroelectronics SPC58EEX Datasheet HTML 120Page - STMicroelectronics SPC58EEX Datasheet HTML 121Page - STMicroelectronics SPC58EEX Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
118/154
DS11646 Rev 4
3.18.3.4
MII and RMII serial management channel timing (MDIO and MDC)
The Ethernet functions correctly with a maximum MDC frequency of 2.5 MHz.
Figure 41. MII serial management channel timing diagram
3.18.3.5
MII and RMII serial management channel timing (MDIO and MDC)
The Ethernet functions correctly with a maximum MDC frequency of 2.5 MHz.
Note:
In the following table, all timing specifications are referenced from MDC = 1.4 V (TTL levels)
to the valid input and output levels, 0.8 V and 2.0 V (TTL levels). For 5 V operation, timing is
referenced from MDC = 50% to 2.2 V/3.5 V input and output levels.
M11
MDC (output)
MDIO (output)
M12
M13
MDIO (input)
M10
M14
M15
Table 64. MII serial management channel timing
Symbol
C
Characteristic
Value
Unit
Min
Max
M10
CC D
MDC falling edge to MDIO output invalid
(minimum propagation delay)
0—
ns
M11
CC D
MDC falling edge to MDIO output valid (max
prop delay)
—25
ns
M12
CC D MDIO (input) to MDC rising edge setup
10
—
ns
M13
CC D MDIO (input) to MDC rising edge hold
0
—
ns
M14
CC D MDC pulse width high
40%
60%
MDC period
M15
CC D MDC pulse width low
40%
60%
MDC period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com