Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 126 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 126 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 122Page - STMicroelectronics SPC58EEX Datasheet HTML 123Page - STMicroelectronics SPC58EEX Datasheet HTML 124Page - STMicroelectronics SPC58EEX Datasheet HTML 125Page - STMicroelectronics SPC58EEX Datasheet HTML 126Page - STMicroelectronics SPC58EEX Datasheet HTML 127Page - STMicroelectronics SPC58EEX Datasheet HTML 128Page - STMicroelectronics SPC58EEX Datasheet HTML 129Page - STMicroelectronics SPC58EEX Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
126/154
DS11646 Rev 4
3.18.7
UART timing
UART channel frequency support is shown in the following table.
3.18.8
I2C timing
The I2C AC timing specifications are provided in the following tables.
Note:
In the following table, I2C input timing is valid for Automotive and TTL inputs levels,
hysteresis enabled, and an input edge rate no slower than 1 ns (10% – 90%).
Table 72. CAN timing
Symbol
C
Parameter
Condition
Value
Unit
Min
Typ
Max
tP(RX:TX)
CC
D
CAN
controller
propagation
delay time
standard
pads
Medium type pads 25pF load
—
—
70
ns
CC
D
Medium type pads 50pF load
—
—
80
CC
D
STRONG, VERY STRONG type pads
25pF load
——
60
CC
D
STRONG, VERY STRONG type pads
50pF load
——
65
tPLP(RX:TX)
CC
D
CAN
controller
propagation
delay time
low power
pads
Medium type pads 25pF load
—
—
90
ns
CC
D
Medium type pads 50pF load
—
—
100
CC
D
STRONG, VERY STRONG type pads
25pF load
——
80
CC
D
STRONG, VERY STRONG type pads
50pF load
——
85
Table 73. UART frequency support
LINFlexD clock
frequency LIN_CLK
(MHz)
Oversampling rate
Voting scheme
Max usable frequency
(Mbaud)
80
16
3:1 majority voting
5
810
6
Limited voting on one
sample with configurable
sampling point
13.33
516
420
100
16
3:1 majority voting
6.25
8
12.5
6
Limited voting on one
sample with configurable
sampling point
16.67
520
425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com