Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 127 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 127 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 123Page - STMicroelectronics SPC58EEX Datasheet HTML 124Page - STMicroelectronics SPC58EEX Datasheet HTML 125Page - STMicroelectronics SPC58EEX Datasheet HTML 126Page - STMicroelectronics SPC58EEX Datasheet HTML 127Page - STMicroelectronics SPC58EEX Datasheet HTML 128Page - STMicroelectronics SPC58EEX Datasheet HTML 129Page - STMicroelectronics SPC58EEX Datasheet HTML 130Page - STMicroelectronics SPC58EEX Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 154 page
background image
DS11646 Rev 4
127/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
Note:
In the following table:
•
All output timing is worst case and includes the mismatching of rise and fall times of the
output pads.
•
Output parameters are valid for CL = 25 pF, where CL is the external load to the device
(lumped). The internal package capacitance is accounted for, and does not need to be
subtracted from the 25 pF value.
•
Timing is guaranteed to same drive capabilities for all signals, mixing of pad drives may
reduce operating speeds and may cause incorrect operation.
•
Programming the IBFD register (I2C bus Frequency Divider) with the maximum
frequency results in the minimum output timings listed. The I2C interface is designed to scale
the data transition time, moving it to the middle of the SCL low period. The actual position is
affected by the pre-scale and division values programmed in the IBC field of the IBFD
register.
Table 74. I2C input timing specifications – SCL and SDA
No. Symbol C
Parameter
Value
Unit
Min
Max
1
— CC D Start condition hold time
2
—
PER_CLK
Cycle(1)
2
— CC D Clock low time
8
—
PER_CLK Cycle
3
— CC D Bus free time between Start and Stop condition
4.7
—
µs
4
— CC D Data hold time
0.0
—
ns
5
— CC D Clock high time
4
—
PER_CLK Cycle
6
— CC D Data setup time
0.0
—
ns
7
— CC D Start condition setup time (for repeated start condition only)
2
—
PER_CLK Cycle
8
— CC D Stop condition setup time
2
—
PER_CLK Cycle
1. PER_CLK is the SoC peripheral clock, which drives the I2C BIU and module clock inputs. See the Clocking chapter in the
device reference manual for more detail.
Table 75. I2C output timing specifications — SCL and SDA
No. Symbol C
Parameter
Value
Unit
Min
Max
1
— CC D Start condition hold time
6
—
PER_CLK
Cycle(1)
2
— CC D Clock low time
10
—
PER_CLK Cycle
3
— CC D Bus free time between Start and Stop condition
4.7
—
µs
4
— CC D Data hold time
7
—
PER_CLK Cycle
5
— CC D Clock high time
10
—
PER_CLK Cycle
6
— CC D Data setup time
2
—
PER_CLK Cycle
7
— CC D Start condition setup time (for repeated start condition only)
20
—
PER_CLK Cycle
8
— CC D Stop condition setup time
10
—
PER_CLK Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com