Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 150 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 150 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 146Page - STMicroelectronics SPC58EEX Datasheet HTML 147Page - STMicroelectronics SPC58EEX Datasheet HTML 148Page - STMicroelectronics SPC58EEX Datasheet HTML 149Page - STMicroelectronics SPC58EEX Datasheet HTML 150Page - STMicroelectronics SPC58EEX Datasheet HTML 151Page - STMicroelectronics SPC58EEX Datasheet HTML 152Page - STMicroelectronics SPC58EEX Datasheet HTML 153Page - STMicroelectronics SPC58EEX Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 150 / 154 page
background image
Revision history
SPC58EEx, SPC58NEx
150/154
DS11646 Rev 4
10-Oct-2017
3 (cont’)
Table 29: SDn ADC electrical specification:
– Added note “Propagation of the information...” to parameter tLATENCY.
– For parameter Frolloff (Stop band attenuation, Modified bandwidth mode),
updated all the conditions.
Table 32: LVDS pad startup and receiver electrical characteristics,:
– For parameter ILVDS_BIAS, changed the characteristics to “C”
Table 36: LFAST PLL electrical characteristics:
– Min and Max value of parameter “ERRREF” updated from “TBD” to “-1” and
“+1” respectively
– Max value of parameter “PN” updated from “TBD” to “-58”
– Frequency of parameter “
ΔPERREF” updated from “10MHz” to “20MHz”.
– Max value of parameter “
ΔPERREF” for condition “Single period” updated
from “TBD” to “350”
– Min and Max value of parameter “
ΔPERREF” for condition “Long period”
updated from “TBD” to “-500” and “+500” respectively.
Figure 17: Voltage monitor threshold definition:
– Right blue line adjusted on the top figure
Table 39: External components integration:
– For parameter CS1_B, replaced “HV supply” with “LV supply” in parameter
description column.
Table 78: FPBGA292 package mechanical data:
– Updated the second table footnote.
Section 3.17: Flash memory:
– Updated the section.
Section 3.18.6: CAN timing:
– Added this section.
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com