Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 153 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 153 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 146Page - STMicroelectronics SPC58EEX Datasheet HTML 147Page - STMicroelectronics SPC58EEX Datasheet HTML 148Page - STMicroelectronics SPC58EEX Datasheet HTML 149Page - STMicroelectronics SPC58EEX Datasheet HTML 150Page - STMicroelectronics SPC58EEX Datasheet HTML 151Page - STMicroelectronics SPC58EEX Datasheet HTML 152Page - STMicroelectronics SPC58EEX Datasheet HTML 153Page - STMicroelectronics SPC58EEX Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 153 / 154 page
background image
DS11646 Rev 4
153/154
SPC58EEx, SPC58NEx
Revision history
153
01-Jul-2019
4(cont’)
Section 3.16.2: Voltage regulators
Section 3.16.1: Power management integration
– Table 39: External components integration: updated Conditions for CBV.
Section 3.16.3: Voltage monitors
Table 45: Voltage monitor electrical characteristics: added footnote “Even if
LVD/HVD ...”
Table 46: Wait State configuration: for APC=001 changed the minimum
frequency from 40 to 55 MHz.
Section 3.17: Flash memory
Updated Table 47: Flash memory program and erase specifications
Table 48: Flash memory Life Specification: updated table with NCER128K and
NDER16K.
Updated Table 54: DSPI channel frequency support
Table 68: TxEN output characteristics: added table footnote “ Pad configured as
VERY STRONG.”
Table 69: TxD output characteristics:
changed note 3 to apply to the whole table
Table 72: CAN timing: added columns for “CC” and “D”
Section 3.18.3.7: RMII transmit signal timing (TXD[1:0], TX_EN): added Note
“RMII transmit ... as 1ns”.
Section 3.18.1.2: Nexus interface timing
– Table 50: Nexus debug port timing:
Updated Min values for tTCYC Absolute minimum TCK cycle time.
Updated Max value on line 15.
– Figure 16: Nexus output timing: deleted this figure.
Table 79: FPBGA292 package mechanical data: updated Amax formula in table
footnote 2.
Section 4.1: eLQFP176 package information: updated section according latest
POA.
Section 4.2: FPBGA292 package information
– Figure 54: FPBGA292 package outline: minor format changes.
– Table 79: FPBGA292 package mechanical data: updated footnote 2.
Table 80: Thermal characteristics for 176 exposed pad LQFP package and
Table 81: Thermal characteristics for 292-pin FPBGA updated values
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com