Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 46Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 47Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 48Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 49Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 50Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 51Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 52Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 53Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
50/154
DS11646 Rev 4
3.12.2
SAR ADC 12 bit electrical specification
The SARn ADCs are 12-bit Successive Approximation Register analog-to-digital converters
with full capacitive DAC. The SARn architecture allows input channel multiplexing.
Note:
The functional operating conditions are given in the DC electrical specifications. Absolute
maximum ratings are stress ratings only, and functional operation at the maxima is not
guaranteed. Stress beyond the listed maximum may affect device reliability or cause
permanent damage to the device.
CP2
CC D Internal routing capacitance
SARB channels
—
2
pF
SARn 10bit channels
—
0.5
SARn 12bit channels
—
1
CS
CC D SAR ADC sampling capacitance
SARn 12bit
—
5
pF
SARn 10bit
—
2
RSWn
CC D Analog switches resistance
SARB channels
0
1.8
k
Ω
SARn 10bit channels
0
0.8
SARn 12bit channels
0
1.8
RAD
CC D
ADC input analog switches
resistance
SARn 12bit
—
0.8
k
Ω
SARn 10bit
—
3.2
RCMSW
CC D Common mode switch resistance
Sum of the two
resistances
—9
k
Ω
RCMRL
CC D Common mode resistive ladder
k
Ω
RSAFEPD(1)
CC D
Discharge resistance for ADC
input-only pins (strong pull-down
for safety)
VDD_HV_IO = 5.0 V ± 10%
—
300
W
VDD_HV_IO = 3.3 V ± 10%
—
500
W
ABGAP
CC D ADC digital bandgap accuracy
-1.5
+1.5
%
CEXT
SR —
External capacitance at the pad
input pin
To preserve the accuracy of the ADC, it is necessary
that analog input pins have low AC impedance.
Placing a capacitor with good high frequency
characteristics at the input pin of the device can be
effective: the capacitor should be as large as
possible. This capacitor contributes to attenuating
the noise present on the input pin. The impedance
relative to the signal source can limit the ADC’s
sample rate.
1. It enables discharge of up to 100 nF from 5 V every 300 ms. Refer to the device pinout Microsoft Excel file attached to the
IO_Definition document for the pads supporting it.
Table 26. ADC pin specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com