Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 85Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 86Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 87Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 88Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 89Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 90Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 91Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 92Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 154 page
background image
DS11644 Rev 4
89/154
SPC58EEx, SPC58NEx
Electrical characteristics
91
tpprogrameep
Page (256 bits) program time
EEPROM (partitions 2, 3, 4)
[KGD]
90
C
300
—
—
315
1300
C
µs
tqprogram
Quad Page (1024 bits)
program time
220
C
840
1200
P
850
2000
C
µs
tqprogrameep
Quad Page (1024 bits)
program time EEPROM
(partitions 2, 3, 4) [KGD]
306
C
1200
1800
P
1270
2600
C
µs
t16kpperase
16 KB block pre-program
and erase time
190
C
450
500
P
250
1000
—
C
ms
t32kpperase
32 KB block pre-program
and erase time
250
C
520
600
P
310
1200
—
C
ms
t64kpperase
64 KB block pre-program
and erase time
360
C
700
750
P
420
1600
—
C
ms
t128kpperase
128 KB block pre-program
and erase time
600
C
1300
1600
P
800
4000
—
C
ms
t256kpperase
256 KB block pre-program
and erase time
1050 C
1800
2400
P
1600
4000
—
C
ms
t16kprogram
16 KB block program time
25
C
45
50
P
40
1000
—
C
ms
t32kprogram
32 KB block program time
50
C
90
100
P
75
1200
—
C
ms
t64kprogram
64 KB block program time
102
C
175
200
P
150
1600
—
C
ms
t128kprogram 128 KB block program time
205
C
350
430
P
300
2000
—
C
ms
t256kprogram 256 KB block program time
410
C
700
850
P
590
4000
—
C
ms
t64kprogrameep
Program 64 KB EEPROM
(partition 2,3) [KGD]
120
C
200
300
P
330
2275
C
ms
t64keraseeep
Erase 64 KB EEPROM
(partition 2,3) [KGD]
530
C
910
1150
P
1040
4700
C
ms
t16kprogrameep
Program 16 KB EEPROM
(partition 4) [KGD]
30
C
52
75
P
84
2275
C
ms
t16keraseeep
Erase 16 KB EEPROM
(partition 4) [KGD]
225
C
645
715
P
520
4700
C
ms
tprr
Program rate(8)
1.7
C
2.8
3.40
C
2.4
—
C s/MB
terr
Erase rate(8)
4.8
C
7.2
9.6
C
6.4
—
C s/MB
tprfm
Program rate Factory
Mode(8)
1.12
C
1.4
1.6
C
—
—
C s/MB
Table 47. Flash memory program and erase specifications
Symbol
Characteristics(1)(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C
(6)
All
temp
(7)
C
< 1 K
cycles
< 250 K
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com