Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 81 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 77Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 78Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 79Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 80Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 81Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 82Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 83Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 84Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 154 page
background image
DS11646 Rev 4
81/154
SPC58EEx, SPC58NEx
Electrical characteristics
87
CHVn
SR D
Decoupling capacitance for
ballast and IOs(2)
on all VDD_HV_IO/VSS and
VDD_HV_ADR/VSS pairs
—100
—
nF
CFLA
SR D
Decoupling capacitance for Flash
supply(6)
——
10
—
nF
CADC
SR D
ADC supply external
capacitance(2)
VDD_HV_ADV/VSS_HV_ADV
pair.
—2.2
—
µF
Internal Linear Regulator with External Ballast Mode
QEXT
SR D
Recommended external NPN
transistors
NJD2873T4, BCP68
VQ
SR D
External NPN transistor collector
voltage
—2.0
—
VDD_
HV_IO
_MAIN
V
CB
SR D
Internal voltage regulator stability
external capacitance on ballast
base(4) (7)
——
2.2
—
µF
RB
SR D
Stability capacitor equivalent
serial resistance
Total resistance including
board track
——
50
m
Ω
SMPS Regulator Mode
Common Configuration(8)
PMOS
SR D
Recommended PMOS transistor
for SMPS mode
PMPB100XPEA
NMOS
SR D
Recommended NMOS transistor
for SMPS mode
PMPB55XNEA
CS2
SR D
SMPS External capacitance on
HV supply(2)
—
-50%
47(9)
+35%
µF
Option A
CS1_A
SR D
SMPS External capacitance on
LV supply(2)
—
-50%
2
×10 +35%
µF
LS_A
SR D SMPS External inductance
—
-30%
10
+30%
µH
Option B
CS1_B
SR D
SMPS External capacitance on
LV supply(10)
—
-35%
3
×10 +35%
µF
LS_B
SR D SMPS External inductance
—
-30%
4.7
+30%
µH
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TJ = –40 / 165 °C, unless otherwise specified.
2. Recommended X7R or X5R ceramic –50% / +35% variation across process, temperature, voltage and after aging.
3. CE capacitance is required both in internal and external regulator mode.
4. For noise filtering, add a high frequency bypass capacitance of 10 nF.
5. For BGA and KGD applications it is recommended to implement at least 5 CLV capacitances.
6. Recommended X7R capacitors. For noise filtering, add a high frequency bypass capacitance of 100 nF.
Table 39. External components integration (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com