Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 58 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 54Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 55Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 56Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 57Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 58Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 59Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 60Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 61Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
58/154
DS11646 Rev 4
3.12.4
S/D ADC electrical specification
The SDn ADCs are Sigma Delta 16-bit analog-to-digital converters with 333666 Ksps
maximum output rate.
Note:
The functional operating conditions are given in the DC electrical specifications. Absolute
maximum ratings are stress ratings only, and functional operation at the maxima is not
guaranteed. Stress beyond the listed maximum may affect device reliability or cause
permanent damage to the device.
S/D ADC is functional in the range 3.0 V < VDD_HV_ADV < 4.0 V and
3.0 V < VDD_HV_ADR_D < 4.0 V, but precision of conversion is not guaranteed.
4. All channels of all SAR-ADC12bit and SAR-ADC10bit are impacted with same degradation, independently from the ADC
and the channel subject to current injection.
5. TUE is granted with injection current within the range defined in Table 26, for parameters classified as T and D.
6. DNL is granted with injection current within the range defined in Table 26, for parameters classified as T and D.
Table 29. SDn ADC electrical specification
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIN_PK2PK(1)
SR
D
Input range peak to
peak
VIN_PK2PK =VINP(2)
–VINM(3)
Single ended
VINM =VSS_HV_ADR_D
VDD_HV_ADR_D/GAIN
V
D
Single ended
VINM =0.5*VDD_HV_ADR
_D
GAIN = 1
±0.5*VDD_HV_ADR_D
D
Single ended
VINM =0.5*VDD_HV_ADR
_D
GAIN = 2,4,8,16
±VDD_HV_ADR_D/GAIN
D
Differential,
0< VIN <
VDD_HV_IO_MAIN
±VDD_HV_ADR_D/GAIN
fADCD_M
SR P
S/D modulator input
Clock 3
TJ < 150 °C
4
14.4
16
MHz
fIN
SR P
Input signal
frequency
—0.01
—
75(4)
kHz
fADCD_S
SR D
Output conversion
rate
TJ < 150 °C
—
—
333
ksps
—
CC D Oversampling ratio
Internal modulator
24
—
256
—
External modulator
—
—
256
—
RESOLUTION CC D
S/D register
resolution(5)
2’s complement
notation
16
bit
GAIN
SR D ADC gain
Defined via
ADC_SD[PGA] register.
Only integer powers of
2 are valid gain values.
1—
16
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com