Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 71Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 72Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 73Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 74Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 75Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 76Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 77Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 78Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 154 page
background image
DS11646 Rev 4
75/154
SPC58EEx, SPC58NEx
Electrical characteristics
75
3.15
Aurora LVDS electrical characteristics
The following table describes the Aurora LVDS electrical characteristics.
Note:
The Aurora interface is AC coupled, so there is no common-mode voltage specification
.
Table 37. Aurora LVDS electrical characteristics(1),(2)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Transmitter
FTX
CC D Transmit Data Rate
—
—
—
1.25 Gbps
|ΔVOD_LVDS| CC T
Differential output voltage swing
(terminated)(3)
—
±400
±600 ±800
mV
tTR_LVDS
CC T Rise/Fall time (10%–90% of swing)
—
60
—
—
ps
RV_L_Tx
SR D Differential Terminating resistance
—
81
100
120
W
TLoss
CC D
Transmission Line Loss due to
loading effects
——
—
6(4)
dB
Transmission line characteristics (PCB track)
LLINE
SR D Transmission line length
—
—
—
20
cm
ZLINE
SR D
Transmission line characteristic
impedance
—45
50
55
W
CAC_CLK
SR D
Clock Receive Pin External AC
Coupling Capacitance
Values are nominal,
valid for +/-50%
tolerance
100
—
270
pF
CAC_TX
SR D
Transmit Lane External AC Coupling
Capacitance
Values are nominal,
valid for +/-50%
tolerance
250
—
2000
pF
Receiver
FRX
CC
D
Receive Clock Rate
TJ = 150 °C
—
—
1.25
Gbps
DTJ =165 °C
—
—
1
|ΔVI_L|
SR T
Differential input voltage (peak to
peak)
—
200
—
1000
mV
RV_L_Rx
CC D Differential Terminating resistance
—
81
100
120
W
1. All Aurora electrical characteristics are valid from –40 °C to 150 °C, except where noted.
2. All specifications valid for maximum transmit data rate FTX.
3. The minimum value of 400 mV is only valid for differential terminating resistance (RV_L) = 99 ohm to 101 ohm. The
differential output voltage swing tracks with the value of RV_L.
4. Transmission line loss maximum value is specified for the maximum drive level of the Aurora transmit pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com